Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC33892PNC Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # PC33892PNC
Description  Quad Intelligent High-Side Switch
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC33892PNC Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  PC33892PNC Datasheet HTML 1Page - Freescale Semiconductor, Inc PC33892PNC Datasheet HTML 2Page - Freescale Semiconductor, Inc PC33892PNC Datasheet HTML 3Page - Freescale Semiconductor, Inc PC33892PNC Datasheet HTML 4Page - Freescale Semiconductor, Inc PC33892PNC Datasheet HTML 5Page - Freescale Semiconductor, Inc PC33892PNC Datasheet HTML 6Page - Freescale Semiconductor, Inc PC33892PNC Datasheet HTML 7Page - Freescale Semiconductor, Inc PC33892PNC Datasheet HTML 8Page - Freescale Semiconductor, Inc PC33892PNC Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
33892
MOTOROLA ANALOG INTEGRATED CIRCUIT DEVICE DATA
4
10
SI
Serial Input
This terminal is a command data input terminal connected to the SPI Serial Data
Output of the MCU or to the SO terminal of the previous device of a daisy chain of
devices. The input requires CMOS logic level signals and incorporates an internal
active pull-down. Device control is facilitated by the input's receiving the MSB first of a
serial 8-bit control command. The MCU ensures data is available upon the falling edge
of SCLK. The logic state of SI present upon the rising edge of SCLK loads that bit
command into the internal command shift register. This terminal has an internal active
pull-down.
11
VDD
Digital Drain Voltage
(Power)
This terminal is an external voltage input terminal used to supply power to the SPI
circuit. In the event VDD is lost, an internal supply provides power to a portion of the
logic, ensuring limited functionality of the device.
12
SO
Serial Output
This terminal is an output terminal connected to the SPI Serial Data Input terminal of
the MCU or to the SI terminal of the next device of a daisy chain of devices. This output
will remain tri-stated (high-impedance OFF condition) so long as the CS terminal of the
device is logic HIGH. SO is only active when the CS terminal of the device is asserted
logic LOW. The generated SO output signals are CMOS logic levels. SO output data
is available on the falling edge of SCLK and transitions immediately on the rising edge
of SCLK.
16
VPWR
Positive Power Supply
This terminal connects to the positive power supply and is the source of operational
power for the device. The VPWR contact is the backside surface mount tab of the
package.
14
21
HS3
HS2
High-Side Outputs
Protected 35 m
Ω high-side power output terminals to the load.
17, 18
19, 20
HS1 (Note 1)
HS0 (Note 2)
High-Side Outputs
Protected 10 m
Ω high-side power output terminals to the load.
22
FSI
Fail-Safe Input
The value of the resistance connected between this terminal and ground determines
the state of the outputs after a Watchdog timeout occurs. Depending on the resistance
value, either all outputs are OFF or the output HSO only is ON. If the FSI terminal is
left to float up to a logic [1] level, then the outputs HS0 and HS2 will turn ON when in
the Fail-Safe state. When the FSI terminal is connected to GND, the Watchdog circuit
and Fail-Safe operation are disabled. This terminal incorporates an active internal pull-
up.
23
CSNS
Output Current
Monitoring
The Current Sense terminal sources a current proportional to the designated HS0–
HS3 output. That current is fed into a ground referenced resistor and its voltage is
monitored by an MCU's A/D. The channel to be monitored is selected via the SPI. This
terminal can be tri-stated through SPI.
Notes
1.
HS1 output (17 and 18) must be connected externally on the PCB as close as possible to the terminals.
2.
HS0 output (19 and 20) must be connected externally on the PCB as close as possible to the terminals.
TERMINAL FUNCTION DESCRIPTION (continued)
Terminal
Terminal Name
Formal Name
Definition
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com