Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

C2-C6 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # C2-C6
Description  Sample Program (Message)
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

C2-C6 Datasheet(HTML) 4 Page - Renesas Technology Corp

  C2-C6 Datasheet HTML 1Page - Renesas Technology Corp C2-C6 Datasheet HTML 2Page - Renesas Technology Corp C2-C6 Datasheet HTML 3Page - Renesas Technology Corp C2-C6 Datasheet HTML 4Page - Renesas Technology Corp C2-C6 Datasheet HTML 5Page - Renesas Technology Corp C2-C6 Datasheet HTML 6Page - Renesas Technology Corp C2-C6 Datasheet HTML 7Page - Renesas Technology Corp C2-C6 Datasheet HTML 8Page - Renesas Technology Corp C2-C6 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
REJ05B0816-0110 Rev.1.10
2007.11
Page 4 of 17
M16C/26A Group
Sample Program (Message)
5.
Operational Specification
(1) Immediately after the reset switch is depressed, a message if any
saved in the data flash area is displayed. If no messages are
saved in the data flash area (data = 0xff), nothing is displayed.
(2) The data received from the terminal is displayed.
Communication format
Baud rate: 9,600 bps
(In microcomputer, set at 9,615 bps)
Stop bit: 1
Parity: None
Number of characters received: 16
(Only up to 16 characters are accepted)
Received character code (written in ASCII)
Control code
TAB (0x09): Clear the displayed data
Clear the entire received string
BS (0x08): Backspace
Delete one character
(3) Press SW1 to write the currently displayed message into the data
flash.
(4) The result of a write to the data flash is displayed for 1 second.
When successfully written: Displayed as “Program success”
When erase error occurred: Displayed as “Erase error”
When program error occurred: Displayed as “Program error”
(5) TAB code is received, by which the display is cleared.
(6) After the reset switch is depressed, the saved data is displayed.
(1) Reset switch depressed
i
ab
c
d
e
f
g
h
(2) Character code received
(4) Write result displayed
s
u
c
e
c
s
s
Pr
o
g
r
a
m
(3) SW1 depressed
(data written)
(6) Reset switch depressed
(saved data displayed)
i
ab
c
d
e
f
g
h
(5) TAB code received



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com