Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

C2-C6 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # C2-C6
Description  Sample Program (Message)
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

C2-C6 Datasheet(HTML) 3 Page - Renesas Technology Corp

  C2-C6 Datasheet HTML 1Page - Renesas Technology Corp C2-C6 Datasheet HTML 2Page - Renesas Technology Corp C2-C6 Datasheet HTML 3Page - Renesas Technology Corp C2-C6 Datasheet HTML 4Page - Renesas Technology Corp C2-C6 Datasheet HTML 5Page - Renesas Technology Corp C2-C6 Datasheet HTML 6Page - Renesas Technology Corp C2-C6 Datasheet HTML 7Page - Renesas Technology Corp C2-C6 Datasheet HTML 8Page - Renesas Technology Corp C2-C6 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
REJ05B0816-0110 Rev.1.10
2007.11
Page 3 of 17
M16C/26A Group
Sample Program (Message)
4.
Operational Outline
When a character is input to HyperTerminal (keyboard of a PC), the input character is shown on liquid crystal display and at the same time
stored in the internal flash memory.
Connect the serial port (RS-232C) of a PC and the D-sub connecter on the microcomputer side with a straight cable. When characters are
input to HyperTerminal, the input characters are shown on liquid crystal display on the microcomputer side. If while in this state SW1 is
depressed, the characters shown on liquid crystal display are written into the internal flash memory of the microcomputer. The result of a
write operation is shown on liquid crystal display, indicating whether the characters have been successfully written in.
Then, when the reset switch is depressed, the data written into memory immediately before that is redisplayed on liquid crystal display.
Up to 16 characters can be displayed, not including BS and TAB codes.
The operation described above is accomplished using the following microcomputer facilities:
• Timer A0 (timer mode, main 2 ms cycle)
This timer counts 2 milliseconds using the main clock of the microcomputer as the count source.
It is used as the basic timer of RSK_LIB.
Time management and LCD display management are performed using this timer.
• UART2 (clock-asynchronous serial I/O mode, data reception)
It produces a transfer clock from the main clock of the microcomputer. The data transmitted via HyperTerminal is received using this
clock.
Personal computer (PC)
M16C26A
Straight cable
D-sub connector
Liquid crystal display (LCD)
A B C D E F
SW1/BOOT
Internal flash memory
BLOCK A
0F800h
A
B
C
D
E
F
0F810h
When SW1 is depressed, the data displayed
on LCD is saved in the internal flash memory.
A , B , C , D , E , F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com