Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MA4SPS42X Datasheet(PDF) 5 Page - M/A-COM Technology Solutions, Inc.

Part # MA4SPS42X
Description  SURMOUNTTM PIN Diodes
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MA4SPS42X Datasheet(HTML) 5 Page - M/A-COM Technology Solutions, Inc.

  MA4SPS42X Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MA4SPS42X Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MA4SPS42X Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MA4SPS42X Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MA4SPS42X Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MA4SPS42X Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MA4SPS42X Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
SURMOUNTTM PIN Diodes
MA4SPS421, MA4SPS422
Rev. V7
MA4SPS42X Series
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED:
Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY:
Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
MA4SPS421 ADS SPICE Model
PinDiodeModel
NLPINM1
Ffe=1.0
Af=1.0
Kf=0.0
Imax=3.1 E+8 A/m^2
Fc=0.5
M=0.5
Vj=0.7V
Cj0=0.07pF
Rs=0.1Ω
Tau= 5μS
Cmin=0.06pF
Rr=11KΩ
Wi=100μm
Un=900cm^2/V-sec
Vi=0.0V
Is=3.5E-12A
wPmax=1.6W
wBv=260V
MA4SPS421 Schematic Diagram
Notes
Rs = 2 * Rvia + Rp
Rp
Cp
Ls
Rvia
Rvia
+



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com