Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MA4SPS42X Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MA4SPS42X
Description  SURMOUNTTM PIN Diodes
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MA4SPS42X Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MA4SPS42X Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MA4SPS42X Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MA4SPS42X Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MA4SPS42X Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MA4SPS42X Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MA4SPS42X Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MA4SPS42X Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
SURMOUNTTM PIN Diodes
MA4SPS421, MA4SPS422
Rev. V7
MA4SPS42X Series
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED:
Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY:
Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
 Surface Mount
 No Wire Bonding Required
 Rugged Silicon-Glass Construction
 Silicon Nitride Passivation
 Polymer Scratch Protection
 Low Parasitic Capacitance and Inductance
 Higher Average and Peak Power Handling
 RoHS Compliant* and 260º Reflow Compatible
Description
This device is a Silicon-Glass PIN diode chip
fabricated with M/A-COM Technology Solutions
patented HMICTM process. This device features two
silicon pedestals embedded in a low loss, low dis-
persion glass. The diode is formed on the top of one
pedestal and connections to the backside of the
device are facilitated by making the pedestal side-
walls electrically conductive. Selective backside
metallization is applied producing a surface mount
device.
This
vertical
topology
provides
for
exceptional heat transfer. The topside is fully
encapsulated with silicon nitride and has an
additional polymer layer for scratch and impact
protection.
These
protective
coatings
prevent
damage to the junction and the anode air-bridge
during handling and assembly.
Applications
These surmount devices are suitable for usage in
moderate incident power (10W C.W.) or higher
incident peak power (500W) series, shunt, or
series-shunt switches. Lower parasitic inductance,
0.1 to 0.2nH, and excellent RC constant (0.45pS),
make the devices ideal for higher frequency switch
elements compared to their plastic device
counterparts.
INCHES
MM
MIN.
MAX.
MIN.
MAX.
A
0.040
0.042
1.025
1.075
B
0.021
0.023
0.525
0.575
C
0.004
0.008
0.102
0.203
D
0.013
0.015
0.325
0.375
E
0.011
0.013
0.275
0.325
F
0.013
0.015
0.325
0.375
G
0.019
0.021
0.475
0.525
DIM
Parameter
Absolute Maximum
Forward Current
250mA
Reverse Voltage
-200V
Operating Temperature
-55°C to +125°C
Storage Temperature
-55°C to +150°C
Junction Temperature
+175°C
Dissipated Power
( RF & DC )
1.8W
Mounting Temperature
+280°C for 30 seconds
Absolute Maximum Ratings @ TA = 25°C
(unless otherwise specified)
MA4SPS421
MA4SPS422
1. Backside metal: 0.1 µM thick.
2. Yellow hatched areas indicate backside ohmic gold
contacts.
3. All devices have the same outline dimensions (A to G).
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC.


Similar Part No. - MA4SPS42X

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MA4SPS42X MA-COM-MA4SPS42X Datasheet
186Kb / 7P
SURMOUNTTM PIN Diodes
More results

Similar Description - MA4SPS42X

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MA4SPS42X MA-COM-MA4SPS42X Datasheet
186Kb / 7P
SURMOUNTTM PIN Diodes
MADP-042XX5-13060 MA-COM-MADP-042XX5-13060 Datasheet
140Kb / 4P
SURMOUNTTM PIN Diodes
MADP-042XX8-13060 MA-COM-MADP-042XX8-13060 Datasheet
154Kb / 4P
SURMOUNTTM 8關M PIN Diodes
MA4SPS502 MA-COM-MA4SPS502 Datasheet
152Kb / 4P
SURMOUNTTM PIN Diode
MADP-042XX8 MA-COM-MADP-042XX8 Datasheet
218Kb / 4P
SURMOUNTTM 8M PIN Diodes
MADP042005 MA-COM-MADP042005 Datasheet
136Kb / 4P
SURMOUNTTM PIN Diodes
MADP042008 MA-COM-MADP042008 Datasheet
688Kb / 4P
SURMOUNTTM 8關M PIN Diodes
MA4SPS420 MA-COM-MA4SPS420 Datasheet
208Kb / 7P
SURMOUNTTM PIN Diodes
MA4SPS502 MA-COM-MA4SPS502 Datasheet
152Kb / 4P
SURMOUNTTM PIN Diode
MA4SPS552-V1 MA-COM-MA4SPS552-V1 Datasheet
146Kb / 6P
SURMOUNTTM PIN Diode
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com