Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GP1FAV55TK0F Datasheet(PDF) 3 Page - Sharp Corporation

Part # GP1FAV55TK0F
Description  Fiber Optic Transmitter Square connector With mounting hole With shutter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GP1FAV55TK0F Datasheet(HTML) 3 Page - Sharp Corporation

  GP1FAV55TK0F Datasheet HTML 1Page - Sharp Corporation GP1FAV55TK0F Datasheet HTML 2Page - Sharp Corporation GP1FAV55TK0F Datasheet HTML 3Page - Sharp Corporation GP1FAV55TK0F Datasheet HTML 4Page - Sharp Corporation GP1FAV55TK0F Datasheet HTML 5Page - Sharp Corporation GP1FAV55TK0F Datasheet HTML 6Page - Sharp Corporation GP1FAV55TK0F Datasheet HTML 7Page - Sharp Corporation GP1FAV55TK0F Datasheet HTML 8Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
GP1FAV55TK0F
■Absolute Maximum Ratings
*1 Solder at a position more than 1.6 mm away from the base of the lead terminal. Reflow is not available.
*2 Do not contact top of soldering iron to lead terminal directly.
■Recommended Operating Conditions
■Electro-optical Characteristics
Sheet No.: E2-A00701EN
(Ta = 25 °C, VCC = 5V)
Parameter
Symbol
Rating
Unit
Remark
Supply voltage
VCC
-0.5 to +7.0
V
Input voltage
Vin
-05. to VCC+0.5
V
Operating temperature
Topr
-20 to +70
°C
Storage temperature
Tstg
-30 to +80
°C
260
°C
5 s or less/time up to 2 times.
4 s or less/time up to 1 time.
Soldering by hand at each terminal. *2
Soldering temperature *1
Tsol
380
°C
Parameter
Symbol
MIN.
TYP.
MAX.
Unit
Remark
Supply voltage
VCC
4.75
5.0
5.25
V
Operating transfer rate
T
-
-
50.0
Mb/s NRZ signal duty 50%
Parameter
Symbol
Conditions
MIN.
TYP. MAX. Unit
Peak emission wavelength
λp
630
660
690
nm
Output optical power couple into fiber
PC
Measurement method refer to Fig. 1
-21
-18
-15
dBm
Supply current
ICC
-8
13
mA
High level input voltage
ViH
2.0
-
-
V
Low level input voltage
ViL
--
0.8
V
L → H delay time
tpLH
--
180
ns
H → L delay time
tpHL
--
180
ns
Pulse width distortion
Δtw
-9
-
+9
ns
Jitter
Δtj
-1
8
ns
Measurement method refer to Fig. 2
Measurement method refer to Fig. 3, 4
3



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com