Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GP1FAV55TK0F Datasheet(PDF) 6 Page - Sharp Corporation

Part # GP1FAV55TK0F
Description  Fiber Optic Transmitter Square connector With mounting hole With shutter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GP1FAV55TK0F Datasheet(HTML) 6 Page - Sharp Corporation

  GP1FAV55TK0F Datasheet HTML 1Page - Sharp Corporation GP1FAV55TK0F Datasheet HTML 2Page - Sharp Corporation GP1FAV55TK0F Datasheet HTML 3Page - Sharp Corporation GP1FAV55TK0F Datasheet HTML 4Page - Sharp Corporation GP1FAV55TK0F Datasheet HTML 5Page - Sharp Corporation GP1FAV55TK0F Datasheet HTML 6Page - Sharp Corporation GP1FAV55TK0F Datasheet HTML 7Page - Sharp Corporation GP1FAV55TK0F Datasheet HTML 8Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
GP1FAV55TK0F
■Design and Production Notes
Sheet No.: E2-A00701EN
(1) Stabilization of power supply line
Please put a by-pass capacitor (0.1 μF) close to the device at least within 7 mm of the terminal.
Please also put a 4.7 μF capacitor across the power supply line nearby.
(2) Soldering condition
Solder at the condition within the absolute maximum ratings in this sheet. In case of using flow soldering, please make
sure of the conditions of process at the flow equipment. Also, do not use reflow soldering. In case of soldering by hand,
do not contact top of soldering iron to lead terminal directly. (Solder at a position more than 1.6 mm away from the base
of the lead terminal.)
(3) About getting dirt and dust in the connector coupling portion
In case dirt or dust comes into the connector coupling portion, please use a blower to take it off.
Any rigid rod-like object must not be inserted since into the coupling portion.
The internal device might be damaged, resulting deteriorated characteristics.
(4) Cleaning
Do not immerse for cleaning. The solvent would get into the connector coupling portion resulting deteriorated
characteristics. Should it be necessary to remove the flux, please use one of the following solvents only to be applied with
a brush.
Solvent : Isopropyl alcohol, Methyl alcohol
(5) Ground during assembling
The human body and the soldering iron must be grounded against the static breakdown of the device during assembling.
Please avoid touching the device terminals as much as possible before assembling.
(6) Assembly of the device
Please fix this device with a screw. In case that this device is not fixed with a screw, stress by detaching connector of
internal elements and leads can adversely affect the device’s reliability. Excessive torque can deform the package and
damage the optics. It can also adversely affect the device’s reliability because the device is used under continuous stress.
Please confirm the limit of fixing torque to the installation before fixing actually.
Recommended values
Screw : M3.0 × 8 mm tapping screw
Fixing torque : 0.7 to 0.8 N·m
Force applied by driver etc. : 39 N or less
Note : Please contact and consult with a Sharp sales representative for any questions about above.
(7) Input signal
This product is designed intentionally based upon the signal transmission which is defined by the digital audio interface
standard ; CP1201. When a signal out of JEITA standard CP-1201 is inputted to this device, there might be a case that this
device can not transmit a signal correctly to receiving unit.
(8) Fixing pin
Since there are other products which has a different fixing pin shape, please make sure to confirm reference mounting
drawing for this device.
(9) Damage to connector coupling portion
Please do not stress the connector coupling portion excessively since there might be a case that the shutter can’t operate
normally.
(10) About getting the flux into connector coupling portion
Please avoid getting a flux into connector coupling portion of this device, because there might be a case that the characteristics
deteriorate the shutter can’t operate normally.
6



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com