Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F562T7BDFM Datasheet(PDF) 48 Page - Renesas Technology Corp

Part # R5F562T7BDFM
Description  100-MHz 32-bit RX MCUs, FPU, 165 DMIPS, 12-bit ADC
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F562T7BDFM Datasheet(HTML) 48 Page - Renesas Technology Corp

Back Button R5F562T7BDFM Datasheet HTML 44Page - Renesas Technology Corp R5F562T7BDFM Datasheet HTML 45Page - Renesas Technology Corp R5F562T7BDFM Datasheet HTML 46Page - Renesas Technology Corp R5F562T7BDFM Datasheet HTML 47Page - Renesas Technology Corp R5F562T7BDFM Datasheet HTML 48Page - Renesas Technology Corp R5F562T7BDFM Datasheet HTML 49Page - Renesas Technology Corp R5F562T7BDFM Datasheet HTML 50Page - Renesas Technology Corp R5F562T7BDFM Datasheet HTML 51Page - Renesas Technology Corp R5F562T7BDFM Datasheet HTML 52Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 94 page
background image
R01DS0096EJ0100 Rev.1.00
Page 48 of 92
Apr 20, 2011
RX62T Group
4. I/O Registers
0009 4004h
LIN0
LIN self-test control register
LSTC
8
8
2 to 3PCLK*5
0009 4008h
LIN0
Mode register
L0MD
8
8, 16, 32
2 to 3PCLK*5
0009 4009h
LIN0
Break field setting register
L0BRK
8
8, 16, 32
2 to 3PCLK*5
0009 400Ah
LIN0
Space setting register
L0SPC
8
8, 16, 32
2 to 3PCLK*5
0009 400Bh
LIN0
Wake-up setting register
L0WUP
8
8, 16, 32
2 to 3PCLK*5
0009 400Ch
LIN0
Interrupt enable register
L0IE
8
8, 16
2 to 3PCLK*5
0009 400Dh
LIN0
Error detection enable register
L0EDE
8
8, 16
2 to 3PCLK*5
0009 400Eh
LIN0
Control register
L0C
8
8
2 to 3PCLK*5
0009 4010h
LIN0
Transmission control register
L0TC
8
8, 16, 32
2 to 3PCLK*5
0009 4011h
LIN0
Mode status register
L0MST
8
8, 16, 32
2 to 3PCLK*5
0009 4012h
LIN0
Status register
L0ST
8
8, 16, 32
2 to 3PCLK*5
0009 4013h
LIN0
Error status register
L0EST
8
8, 16, 32
2 to 3PCLK*5
0009 4014h
LIN0
Response field set register
L0RFC
8
8, 16
2 to 3PCLK*5
0009 4015h
LIN0
Buffer register
L0IDB
8
8, 16
2 to 3PCLK*5
0009 4016h
LIN0
Check sum buffer register
L0CBR
8
8
2 to 3PCLK*5
0009 4018h
LIN0
Data 1 buffer register
L0DB1
8
8, 16, 32
2 to 3PCLK*5
0009 4019h
LIN0
Data 2 buffer register
L0DB2
8
8, 16, 32
2 to 3PCLK*5
0009 401Ah
LIN0
Data 3 buffer register
L0DB3
8
8, 16, 32
2 to 3PCLK*5
0009 401Bh
LIN0
Data 4 buffer register
L0DB4
8
8, 16, 32
2 to 3PCLK*5
0009 401Ch
LIN0
Data 5 buffer register
L0DB5
8
8, 16, 32
2 to 3PCLK*5
0009 401Dh
LIN0
Data 6 buffer register
L0DB6
8
8, 16, 32
2 to 3PCLK*5
0009 401Eh
LIN0
Data 7 buffer register
L0DB7
8
8, 16, 32
2 to 3PCLK*5
0009 401Fh
LIN0
Data 8 buffer register
L0DB8
8
8, 16, 32
2 to 3PCLK*5
000C 1200h
MTU3
Timer control register
TCR
8
8, 16, 32
5ICLK
000C 1201h
MTU4
Timer control register
TCR
8
8
5ICLK
000C 1202h
MTU3
Timer mode register 1
TMDR1
8
8, 16
5ICLK
000C 1203h
MTU4
Timer mode register 1
TMDR1
8
8
5ICLK
000C 1204h
MTU3
Timer I/O control register H
TIORH
8
8, 16, 32
5ICLK
000C 1205h
MTU3
Timer I/O control register L
TIORL
8
8
5ICLK
000C 1206h
MTU4
Timer I/O control register H
TIORH
8
8, 16
5ICLK
000C 1207h
MTU4
Timer I/O control register L
TIORL
8
8
5ICLK
000C 1208h
MTU3
Timer interrupt enable register
TIER
8
8, 16
5ICLK
000C 1209h
MTU4
Timer interrupt enable register
TIER
8
8
5ICLK
000C 120Ah
MTU
Timer output master enable register A
TOERA
8
8
5ICLK
000C 120Dh
MTU
Timer gate control register A
TGCRA
8
8
5ICLK
000C 120Eh
MTU
Timer output control register 1A
TOCR1A
8
8, 16
5ICLK
000C 120Fh
MTU
Timer output control register 2A
TOCR2A
8
8
5ICLK
000C 1210h
MTU3
Timer counter
TCNT
16
16, 32
5ICLK
000C 1212h
MTU4
Timer counter
TCNT
16
16
5ICLK
000C 1214h
MTU
Timer cycle data register A
TCDRA
16
16, 32
5ICLK
000C 1216h
MTU
Timer dead time data register A
TDDRA
16
16
5ICLK
000C 1218h
MTU3
Timer general register A
TGRA
16
16, 32
5ICLK
000C 121Ah
MTU3
Timer general register B
TGRB
16
16
5ICLK
000C 121Ch
MTU4
Timer general register A
TGRA
16
16, 32
5ICLK
Table 4.1
List of I/O Registers (Address Order) (15 / 23)
Address
Module
Abbreviation
Register Name
Register
Abbreviation
Number
of Bits
Access
Size
Number of
Access
Cycles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com