Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F562T7BDFM Datasheet(PDF) 60 Page - Renesas Technology Corp

Part # R5F562T7BDFM
Description  100-MHz 32-bit RX MCUs, FPU, 165 DMIPS, 12-bit ADC
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F562T7BDFM Datasheet(HTML) 60 Page - Renesas Technology Corp

Back Button R5F562T7BDFM Datasheet HTML 56Page - Renesas Technology Corp R5F562T7BDFM Datasheet HTML 57Page - Renesas Technology Corp R5F562T7BDFM Datasheet HTML 58Page - Renesas Technology Corp R5F562T7BDFM Datasheet HTML 59Page - Renesas Technology Corp R5F562T7BDFM Datasheet HTML 60Page - Renesas Technology Corp R5F562T7BDFM Datasheet HTML 61Page - Renesas Technology Corp R5F562T7BDFM Datasheet HTML 62Page - Renesas Technology Corp R5F562T7BDFM Datasheet HTML 63Page - Renesas Technology Corp R5F562T7BDFM Datasheet HTML 64Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 94 page
background image
R01DS0096EJ0100 Rev.1.00
Page 60 of 92
Apr 20, 2011
RX62T Group
5. Electrical Characteristics
Output high
voltage
All output pins
(except for P71 to P76
and P90 to P95)
VOH
VCC-0.5
-
-
V
IOH = -1 mA
P71 to P76
VCC-0.5
-
-
IOH = -1mA
64-pin LQFP
Condition 3
VCC-1.0
-
-
IOH = -5mA
64-pin LQFP
Other than condition 3
P90 to P95
VCC-0.5
-
-
IOH = -1mA
80-pin LQFP or
64-pin LQFP
VCC-1.0
-
-
IOH = -5 mA
112-pin LQFP or
100-pin LQFP
Output low
voltage
All output pins
(except for P71 to P76,
P90 to P95, and RIIC)
VOL
-
-
0.5
V
IOL = 1.0 mA
P71 to P76
-
-
0.5
IOL = 1.0 mA
64-pin LQFP
Other than condition 3
--
1.1
IOL = 15 mA
Conditions 1 and 2
--
1.4
IOL = 15 mA
Other than 64-pin
LQFP
Condition 3
P90 to P95
-
-
0.5
IOL = 1.0 mA
80-pin LQFP or
64-pin LQFP
--
1.1
IOL = 15 mA
112-pin LQFP or
100-pin LQFP
Conditions 1 and 2
--
1.4
IOL = 1 mA
112-pin LQFP or
100-pin LQFP
Condition 3
RIIC pin
-
-
0.4
IOL = 3 mA
--
0.6
IOL = 6 mA
Input leakage
current
RES#, MD pin, EMLE
I
in
-
-
1.0
AV
in = 0 V,
Vin = VCC
Three-state
leakage current
(off state)
Ports 1 to A, PB0, PB3
to PB7, D, E, G
I
TSI
-
-
1.0
AV
in = 0 V,
Vin = VCC
Ports PB1 and PB2
-
-
5.0
Table 5.2
DC Characteristics (1) (2 / 3)
Note: Items for which test conditions are not specifically stated in the table below have the same values under conditions 1 to 3.
Condition 1: VCC = PLLVCC = 2.7 to 3.6 V, VSS = PLLVSS = AVSS0 = AVSS = VREFL0 = 0 V
AVCC0 = AVCC = 3.0 to 3.6 V, VREFH0 = 3.0 V to AVCC0, VREF = 3.0 V to AVCC
Condition 2: VCC = PLLVCC = 2.7 to 3.6 V, VSS = PLLVSS = AVSS0 = AVSS = VREFL0 = 0V
AVCC0 = AVCC = 4.0 to 5.5 V, VREFH0 = 4.0 V to AVCC0, VREF = 4.0 V to AVCC
Condition 3: VCC = PLLVCC = 4.0 to 5.5 V, VSS = PLLVSS = AVSS0 = AVSS = VREFL0 = 0V
AVCC0 = AVCC = 4.0 to 5.5 V, VREFH0 = 4.0 V to AVCC0, VREF = 4.0 V to AVCC
Ta = -40 to +85°C. Ta is the same under conditions 1 to 3.
Item
Symbol
Min.
Typ.
Max.
Unit
Test Conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com