Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F562TADDFH Datasheet(PDF) 82 Page - Renesas Technology Corp

Part # R5F562TADDFH
Description  100-MHz 32-bit RX MCUs, FPU, 165 DMIPS, 12-bit ADC
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F562TADDFH Datasheet(HTML) 82 Page - Renesas Technology Corp

Back Button R5F562TADDFH Datasheet HTML 78Page - Renesas Technology Corp R5F562TADDFH Datasheet HTML 79Page - Renesas Technology Corp R5F562TADDFH Datasheet HTML 80Page - Renesas Technology Corp R5F562TADDFH Datasheet HTML 81Page - Renesas Technology Corp R5F562TADDFH Datasheet HTML 82Page - Renesas Technology Corp R5F562TADDFH Datasheet HTML 83Page - Renesas Technology Corp R5F562TADDFH Datasheet HTML 84Page - Renesas Technology Corp R5F562TADDFH Datasheet HTML 85Page - Renesas Technology Corp R5F562TADDFH Datasheet HTML 86Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 94 page
background image
R01DS0096EJ0100 Rev.1.00
Page 82 of 92
Apr 20, 2011
RX62T Group
5. Electrical Characteristics
5.5
Power-on Reset Circuit, Voltage Detection Circuit Characteristics
Note 1. The power-off time indicates the time when VCC is below the minimum value of voltage detection levels VPOR, Vdet1, and Vdet2
for the POR/ LVD.
Figure 5.20
Power-on Reset Timing
Table 5.17
Power-on Reset Circuit, Voltage Detection Circuit Characteristics
Note:Items for which test conditions are not specifically stated in the table below have the same values under conditions 1 to 3.
Condition 1: VCC = PLLVCC = 2.7 to 3.6 V, VSS = PLLVSS = AVSS0 = AVSS = VREFL0 = 0 V
AVCC0 = AVCC = 3.0 to 3.6 V, VREFH0 = 3.0 V to AVCC0, VREF = 3.0 V to AVCC
Condition 2: VCC = PLLVCC = 2.7 to 3.6 V, VSS = PLLVSS = AVSS0 = AVSS = VREFL0 = 0 V
AVCC0 = AVCC = 4.0 to 5.5 V, VREFH0 = 4.0 V to AVCC0, VREF = 4.0 V to AVCC
Ta = -40 to +85°C. Ta is the same under conditions 1 to 3.
Item
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Voltage detection
level
Power-on reset (POR)
VPOR
2.48
2.60
2.72
V
Figure 5.20
Voltage detection circuit
(LVD)
Vdet1
2.68
2.80
2.92
Figure 5.21
Vdet2
2.98
3.10
3.22
Figure 5.22
Internal reset time
tPOR
20
35
50
ms
Figure 5.21 and
Figure 5.22
Min. VCC down time*1
tVOFF
200
-
-
us
Figure 5.20 to
Figure 5.22
Reply delay time
tdet
-
-
200
us
Condition 3: VCC = PLLVCC = 4.0 to 5.5 V, VSS = PLLVSS = AVSS0 = AVSS = VREFL0 = 0 V
AVCC0 = AVCC = 4.0 to 5.5 V, VREFH0 = 4.0 V to AVCC0, VREF = 4.0 V to AVCC
Ta = -40 to +85°C
Item
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Voltage detection
level
Power-on reset (POR)
VPOR
3.70
3.90
4.10
V
Figure 5.20
Voltage detection circuit
(LVD)
Vdet1
3.95
4.15
4.35
Figure 5.21
Vdet2
4.40
4.60
4.80
Figure 5.22
Internal reset time
tPOR
20
35
50
ms
Figure 5.21 and
Figure 5.22
Min. VCC down time*1
tVOFF
200
-
-
us
Figure 5.20 to
Figure 5.22
Reply delay time
tdet
-
-
200
us
Internal reset signal
(low valid)
VCC
t VOFF
VPOR
t POR
t POR
tdet



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com