Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F562T6DDFM Datasheet(PDF) 33 Page - Renesas Technology Corp

Part # R5F562T6DDFM
Description  100-MHz 32-bit RX MCUs, FPU, 165 DMIPS, 12-bit ADC
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F562T6DDFM Datasheet(HTML) 33 Page - Renesas Technology Corp

Back Button R5F562T6DDFM Datasheet HTML 29Page - Renesas Technology Corp R5F562T6DDFM Datasheet HTML 30Page - Renesas Technology Corp R5F562T6DDFM Datasheet HTML 31Page - Renesas Technology Corp R5F562T6DDFM Datasheet HTML 32Page - Renesas Technology Corp R5F562T6DDFM Datasheet HTML 33Page - Renesas Technology Corp R5F562T6DDFM Datasheet HTML 34Page - Renesas Technology Corp R5F562T6DDFM Datasheet HTML 35Page - Renesas Technology Corp R5F562T6DDFM Datasheet HTML 36Page - Renesas Technology Corp R5F562T6DDFM Datasheet HTML 37Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 94 page
background image
R01DS0096EJ0100 Rev.1.00
Page 33 of 92
Apr 20, 2011
RX62T Group
3. Address Space
3.
Address Space
3.1
Address Space
This LSI has a 4-Gbyte address space, consisting of the range of addresses from 0000 0000h to FFFF FFFFh. That is,
linear access to an address space of up to 4 Gbytes is possible, and this contains both program and data areas.
Figure 3.1 shows the memory maps.
Figure 3.1
Memory Map (RX62T Group)
Reserved area*2
Reserved area*2
0000 0000h
0008 0000h
FFFF FFFFh
Single-chip mode*1
On-chip RAM
Reserved area*2
On-chip ROM (program ROM)
(read only)
0010 0000h
Peripheral I/O registers
0010 8000h
On-chip ROM
(data flash)
0080 0000h
0100 0000h
On-chip ROM (program ROM)
(write only)
FFFC 0000h
FCU-RAM*3
Reserved area*2
Peripheral I/O registers
Reserved area*2
Peripheral I/O registers
007F 8000h
007F A000h
007F C000h
007F C500h
007F FC00h
0000 4000h
Reserved area*2
00FC 0000h
On-chip ROM (FCU firmware)*3
(read only)
Reserved area*2
FEFF E000h
FF00 0000h
R5F562TAxxxx
Reserved area*2
Reserved area*2
0000 0000h
0008 0000h
FFFF FFFFh
Single-chip mode*1
On-chip RAM
Reserved area*2
On-chip ROM (program ROM)
(read only)
0010 0000h
Peripheral I/O registers
0010 2000h
On-chip ROM
(data flash)
0080 0000h
0100 0000h
On-chip ROM (program ROM)
(write only)
FFFE 0000h
FCU-RAM*3
Reserved area*2
Peripheral I/O registers
Reserved area*2
Peripheral I/O registers
007F 8000h
007F A000h
007F C000h
007F C500h
007F FC00h
0000 2000h
Reserved area*2
00FE 0000h
On-chip ROM (FCU firmware)*3
(read only)
Reserved area*2
FEFF E000h
FF00 0000h
R5F562T7xxxx
Reserved area*2
Reserved area*2
0000 0000h
0008 0000h
FFFF FFFFh
Single-chip mode*1
On-chip RAM
Reserved area*2
On-chip ROM (program ROM)
(read only)
0010 0000h
Peripheral I/O registers
0010 2000h
On-chip ROM
(data flash)
0080 0000h
0100 0000h
On-chip ROM (program ROM)
(write only)
FFFF 0000h
FCU-RAM*3
Reserved area*2
Peripheral I/O registers
Reserved area*2
Peripheral I/O registers
007F 8000h
007F A000h
007F C000h
007F C500h
007F FC00h
0000 2000h
Reserved area*2
00FF 0000h
On-chip ROM (FCU firmware)*3
(read only)
Reserved area*2
FEFF E000h
FF00 0000h
R5F562T6xxxx
Notes: 1. The layout of the address space in boot mode is the same as in single-chip mode.
2. Reserved areas should not be accessed, since the correct operation of LSI is not guaranteed
if they are accessed.
3. For details on the FCU, see section 30, ROM (Flash Memory for Code Storage) and section 31, Data
Flash (Flash Memory for Data Storage) in the User’s manual: Hardware.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com