Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F562T6DDFM Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # R5F562T6DDFM
Description  100-MHz 32-bit RX MCUs, FPU, 165 DMIPS, 12-bit ADC
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F562T6DDFM Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button R5F562T6DDFM Datasheet HTML 6Page - Renesas Technology Corp R5F562T6DDFM Datasheet HTML 7Page - Renesas Technology Corp R5F562T6DDFM Datasheet HTML 8Page - Renesas Technology Corp R5F562T6DDFM Datasheet HTML 9Page - Renesas Technology Corp R5F562T6DDFM Datasheet HTML 10Page - Renesas Technology Corp R5F562T6DDFM Datasheet HTML 11Page - Renesas Technology Corp R5F562T6DDFM Datasheet HTML 12Page - Renesas Technology Corp R5F562T6DDFM Datasheet HTML 13Page - Renesas Technology Corp R5F562T6DDFM Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 94 page
background image
R01DS0096EJ0100 Rev.1.00
Page 10 of 92
Apr 20, 2011
RX62T Group
1. Overview
1.3
Block Diagram
Figure 1.2 shows a block diagram.
Figure 1.2
Block Diagram
ROM
RAM
RX CPU
DTC
POR
ICU
Port 1
Port 2
Port 3
Port 4
Port 5
Port 6
Port 7
Port 8
Port 9
Port A
Port B
Port D
Port E
Clock
generation
circuit
RIIC
10-bit A/D converter
 12 channels
RSPI
IWDT
SCI
 3 channels
MTU3
Port G
CRC
CAN (as an optional function)
POE3
CMT
 2 channels (unit 0)
LIN
Notes:
1. The installation of the 10-bit A/D converter and ports 1 to G is different depending on the package.
2. For details on the internal peripheral bus configuration, see section 12, Buses in the User's Manual: Hardware.
12-bit A/D converter
 4 channels (unit 0)
Programmable gain amps
 3 channels
Sample-and-hold circuits
for the pin section
 3 channels
Window comparator
 3 channels
WDT
Data flash
LVD
CAN: CAN module
LIN:
LIN module
RSPI: Renesas serial peripheral interface
LVD: Voltage detection circuit
ICU:
Interrupt control unit
WDT: Watchdog timer
IWDT: Independent watchdog timer
CRC: CRC (cyclic redundancy check) calculator
[Legend]
POR:
Power-on reset circuit
DTC:
Data transfer controller
MTU3: Multi-function timer pulse unit 3
POE3: Port output enable 3
GPT:
General PWM timer
CMT:
Compare match timer
SCI:
Serial communications interface
RIIC:
I
2C bus interface
GPT
12-bit A/D converter
 4 channels (unit 1)
Programmable gain amps
 3 channels
Sample-and-hold circuits
for the pin section
 3 channels
Window comparator
 3 channels
CMT
 2 channels (unit 1)
*
1
*
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com