Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BFP720FESD Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # BFP720FESD
Description  Robust High Performance Low Noise Bipolar RF Transistor
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BFP720FESD Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button BFP720FESD Datasheet HTML 3Page - Infineon Technologies AG BFP720FESD Datasheet HTML 4Page - Infineon Technologies AG BFP720FESD Datasheet HTML 5Page - Infineon Technologies AG BFP720FESD Datasheet HTML 6Page - Infineon Technologies AG BFP720FESD Datasheet HTML 7Page - Infineon Technologies AG BFP720FESD Datasheet HTML 8Page - Infineon Technologies AG BFP720FESD Datasheet HTML 9Page - Infineon Technologies AG BFP720FESD Datasheet HTML 10Page - Infineon Technologies AG BFP720FESD Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
1
2
4
3
Product Name Package
Pin Configuration
Marking
BFP720FESD TSFP-4-1
1 = B
2 = E
3 = C
4 = E
T3s
Robust High Performance Low Noise Bipolar RF Transistor
BFP720FESD
Data Sheet
7
Revision 1.1, 2010-06-29
1
Features
•
Robust high performance low noise amplifier based on
Infineon´s reliable, high volume SiGe:C wafer technology
•
2 kV ESD robustness (HBM) due to integrated protection circuits
•
High maximum RF input power of 21 dBm
•
0.6 dB minimum noise figure typical at 2.4 GHz,
0.8 dB at 10 GHz, 5 mA
•
26 dB maximum gain (
G
ms) typical at 2.4 GHz,
22 dB at 5.5 GHz, 15 mA
•
21 dBm OIP3 typical at 5.5 GHz, 15 mA
•
Accurate SPICE GP model available to enable effective
design in process (see chapter 6)
•
Thin, small, flat, Pb- and halogen free (RoHS compliant) package with visible leads
Applications
As Low Noise Amplifier (LNA) in
•
Mobile, portable and fixed connectivity applications: WLAN 802.11a/b/g/n, WiMax 2.5/3.5/5 GHz, UWB,
Bluetooth
•
Satellite communication systems: Navigation (GPS, Glonass), satellite radio (SDARs, DAB) and LNB
•
3G/4G UMTS/LTE mobile phone applications
•
Multimedia applications such as mobile/portable TV, CATV, FM Radio
•
ISM applications like RKE, AMR and Zigbee, as well as for emerging wireless applications
As discrete active mixer, amplifier in VCO's and buffer amplifier.
Attention: ESD (Electrostatic discharge) sensitive device, observe handling precautions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com