Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BFP720FESD Datasheet(PDF) 19 Page - Infineon Technologies AG

Part # BFP720FESD
Description  Robust High Performance Low Noise Bipolar RF Transistor
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BFP720FESD Datasheet(HTML) 19 Page - Infineon Technologies AG

Back Button BFP720FESD Datasheet HTML 15Page - Infineon Technologies AG BFP720FESD Datasheet HTML 16Page - Infineon Technologies AG BFP720FESD Datasheet HTML 17Page - Infineon Technologies AG BFP720FESD Datasheet HTML 18Page - Infineon Technologies AG BFP720FESD Datasheet HTML 19Page - Infineon Technologies AG BFP720FESD Datasheet HTML 20Page - Infineon Technologies AG BFP720FESD Datasheet HTML 21Page - Infineon Technologies AG BFP720FESD Datasheet HTML 22Page - Infineon Technologies AG BFP720FESD Datasheet HTML 23Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 29 page
background image
BFP720FESD
Electrical Characteristics
Data Sheet
19
Revision 1.1, 2010-06-29
Figure 5
Collector Current vs. Base Emitter Voltage
I
C = f (VBE), VCE = 2 V
Figure 6
Base Current vs. Base Emitter Forward Voltage
I
B = f (VBE), VCE = 2 V
0.00001
0.0001
0.001
0.01
0.1
1
10
100
0.40.5
0.60.7
0.80.9
VBE [V]
0.000001
0.00001
0.0001
0.001
0.01
0.1
1
0.40.5
0.60.7
0.80.9
VBE [V]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com