Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SSR24C50 Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # SSR24C50
Description  Schottky Silicon Carbide Centertap Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SSR24C50 Datasheet(HTML) 2 Page - Solid States Devices, Inc

  SSR24C50 Datasheet HTML 1Page - Solid States Devices, Inc SSR24C50 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RS0020E
DOC
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
SSR24C60CT Series
Electrical Characteristic (Per Leg)
Symbol
Min
Typ
Max
Units
Instantaneous Forward Voltage Drop
(TJ = 25°C, 300 µsec pulse)
IF = 6A
IF = 12A
VF1
––
1.30
1.70
1.38
1.90
Volts
Instantaneous Forward Voltage Drop
(TJ = 150°C, 300 µsec pulse)
IF = 6A
IF = 12A
V F2
––
1.30
1.70
1.35
1.85
Volts
Instantaneous Forward Voltage Drop
(TJ = -55°C, 300 µsec pulse)
IF = 6A
IF = 12A
V F3
––
1.30
1.60
1.40
1.68
Volts
Reverse Leakage Current
(VR = Rated VR, TJ = 25°C, 300 µsec pulse)
IR1
––
100
200
µA
Reverse Leakage Current
(VR = Rated VR, TJ = 150°C, 300 µsec pulse)
I R2
––
400
1000
µA
Junction Capacitance
(VR = 10 Vdc, TC = 25°C, f=1MHz)
Cj
––
200
––
pF
Total Capacitive Charge
(VR = 400 Vdc, IF = 5A, di/dt = 200A/µs, TJ = 150°C)
Qc
––
26
––
nC
NOTES:
1/ For ordering information, price, operating curves, and availability – contact factory.
2/ Screening based on MIL-PRF-19500. Screening flows available on request.
3/ All Electrical Characteristics @25oC Unless Otherwise Specified.
4/ If high temp operation is desired (>175°C) consult factory for soldering consideration.
Available Part Numbers:
SSR24C60CTS.5 SSR24C50CTS.5
SSR24C60CTG
SSR24C50CTG
PIN ASSIGNMENT
Package
Pin 1
Pin 2
Pin 3
SMD .5 (S.5)
Cathode
Anode
Anode
Cerpack (G)
Anode
Anode
Cathode



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com