Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SSR24C50 Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SSR24C50
Description  Schottky Silicon Carbide Centertap Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SSR24C50 Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SSR24C50 Datasheet HTML 1Page - Solid States Devices, Inc SSR24C50 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RS0020E
DOC
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
DESIGNER’S DATA SHEET
Part Number / Ordering Information 1/
SSR24C 60 CT S.5 TX
│
│
│
│
│
│
│
│
│
│
│
│
│
│
│
└ Screening2/
__ = Not Screened
TV = TX Level
TXV = TXV Level
S = S Level
│
│
│
│
│
│
└ Package S.5 = SMD.5
G = Cerpack
│
│
└ Configuration
CT = Centertap
└ Voltage 50 = 500 V
60 = 600 V
SSR24C60CT Series
24 Amp
Schottky Silicon Carbide
Centertap Rectifier
600 Volts
Features:
 World's Smallest Hermetic SiC Centertap Rectifier
 High Voltage, 600V
 Very High Operating Temperature, 250°C
 No Recovery Time (tfr or trr)
 High Current Operation, 24A
 Hermetically Sealed Packaging
TX, TXV, and S Level screening available
Maximum Ratings
3/
Symbol
Value
Units
Peak Repetitive and Peak Surge Reverse
Voltage
SSR24C50
SSR24C60
VRRM
VRSM
500
600
Volts
Average Rectified Forward Current
(Resistive Load, 60 Hz, Sine Wave)
Per Leg
Total
Io
12
24
Amps
Non Repetitive Peak Surge Current
(8.3 ms Pulse, Non-repetitive Half Sine Wave, per leg)
IFSM
50
Amps
Power Dissipation
(TC = 25°C)
PD
120
Watts
Operating & Storage Temperature 4/
Top & Tstg
-55 to +250
°C
Maximum Thermal Resistance
Junction to Ambient
Junction to Case
RθJC
1.9
°C/W
1
Cerpack (G)
SMD .5 (S.5)


Similar Part No. - SSR24C50

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SSR24C50 SSDI-SSR24C50 Datasheet
30Kb / 2P
24 AMP 600 VOLTS SCHOTTKY SILICON CARBIDE CENTER TAP RECTIFIER
logo
List of Unclassifed Man...
SSR24C50CT ETC1-SSR24C50CT Datasheet
26Kb / 2P
24 AMP 600 VOLTS SCHOTTKY SILICON CARBIDE CENTER TAP RECTIFIER
SSR24C50CTG ETC1-SSR24C50CTG Datasheet
26Kb / 2P
24 AMP 600 VOLTS SCHOTTKY SILICON CARBIDE CENTER TAP RECTIFIER
SSR24C50CTGTX ETC1-SSR24C50CTGTX Datasheet
26Kb / 2P
24 AMP 600 VOLTS SCHOTTKY SILICON CARBIDE CENTER TAP RECTIFIER
SSR24C50CTGTXV ETC1-SSR24C50CTGTXV Datasheet
26Kb / 2P
24 AMP 600 VOLTS SCHOTTKY SILICON CARBIDE CENTER TAP RECTIFIER
More results

Similar Description - SSR24C50

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SSR50C60CT SSDI-SSR50C60CT Datasheet
74Kb / 2P
SCHOTTKY SILICON CARBIDE CENTERTAP RECTIFIER
RC0140B SSDI-RC0140B Datasheet
74Kb / 2P
SCHOTTKY SILICON CARBIDE CENTERTAP RECTIFIER
RS0022 SSDI-RS0022 Datasheet
144Kb / 2P
Schottky Silicon Carbide Centertap Rectifier
RS0024 SSDI-RS0024 Datasheet
146Kb / 2P
Schottky Silicon Carbide Centertap Rectifier
RS0028E SSDI-RS0028E Datasheet
131Kb / 3P
Schottky Silicon Carbide Centertap Rectifier
RS0020J SSDI-RS0020J_15 Datasheet
115Kb / 3P
Schottky Silicon Carbide Centertap Rectifier
RS0022 SSDI-RS0022_15 Datasheet
144Kb / 2P
Schottky Silicon Carbide Centertap Rectifier
RS0028E SSDI-RS0028E_15 Datasheet
131Kb / 3P
Schottky Silicon Carbide Centertap Rectifier
SH0029E SSDI-SH0029E_15 Datasheet
106Kb / 2P
Schottky Silicon Carbide Centertap Rectifier
SH0082A SSDI-SH0082A_15 Datasheet
146Kb / 3P
SCHOTTKY SILICON CARBIDE CENTERTAP RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com