Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MRF8P20140WHR3 Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # MRF8P20140WHR3
Description  RF Power Field Effect Transistors N--Channel Enhancement--Mode Lateral MOSFETs
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MRF8P20140WHR3 Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  MRF8P20140WHR3 Datasheet HTML 1Page - Freescale Semiconductor, Inc MRF8P20140WHR3 Datasheet HTML 2Page - Freescale Semiconductor, Inc MRF8P20140WHR3 Datasheet HTML 3Page - Freescale Semiconductor, Inc MRF8P20140WHR3 Datasheet HTML 4Page - Freescale Semiconductor, Inc MRF8P20140WHR3 Datasheet HTML 5Page - Freescale Semiconductor, Inc MRF8P20140WHR3 Datasheet HTML 6Page - Freescale Semiconductor, Inc MRF8P20140WHR3 Datasheet HTML 7Page - Freescale Semiconductor, Inc MRF8P20140WHR3 Datasheet HTML 8Page - Freescale Semiconductor, Inc MRF8P20140WHR3 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
4
RF Device Data
Freescale Semiconductor
MRF8P20140WHR3 MRF8P20140WHSR3
Figure 2. MRF8P20140WHR3(WHSR3) Test Circuit Component Layout
MRF8P20140W
Rev. 1.2
R2
C
P
VGGA
R3
C4
C7
C6
R6
C26
C2*
C3*
C1
C5
R7
Z1
C9
R1
C11
C10
C8
R5
R4
C24
C25
VGGB
VDDB
C22
C20
C21
C13*
C17
C12*
C23
C14
C16
C15
C18
C19
VDDA
Note 1: * denotes that C2, C3, C12 and C13 are mounted vertically.
Note 2: VDDA and VDDB must be tied together and powered by a single DC power supply.
Table 5. MRF8P20140WHR3(WHSR3) Test Circuit Component Designations and Values
Part
Description
Part Number
Manufacturer
C1
0.6 pF Chip Capacitor
ATC600F0R6BT250XT
ATC
C2, C3
8.2 pF Chip Capacitors
ATC600F8R2BT250XT
ATC
C4, C8, C18, C24
10 μF, 50 V Chip Capacitors
GRM55DR61H106KA88L
Murata
C5
1.2 pF Chip Capacitor
ATC600F1R2BT250XT
ATC
C6, C10, C12, C13, C14,
C20
12 pF Chip Capacitors
ATC600F120JT250XT
ATC
C7, C11
10 μF, 32 V Chip Capacitors
GRM32ER61H106KA12L
Murata
C9, C17
0.1 pF Chip Capacitors
ATC600F0R1BT250XT
ATC
C15, C21
6.8 μF, 50 V Chip Capacitors
C4532X7R1H685KT
TDK
C16, C22
2.2 μF, 100 V Chip Capacitors
C3225X7R2A225KT
TDK
C19, C25
220 μF, 100 V Chip Capacitors
EEV--FK2A221M
Panasonic--ECG
C23
0.2 pF Chip Capacitor
ATC600F0R2BT250XT
ATC
C26
1.5 pF Chip Capacitor
ATC600F1R5BT250XT
ATC
R1
50 Ω, Chip Resistor
ATCCW12010T0050GBK
ATC
R2, R3, R4, R5
1.5 kΩ, 1/4 W Chip Resistors
CRCW12061K50FKEA
Vishay
R6, R7
2.2 Ω, 1/4 W Chip Resistors
CRCW12062R2FNEA
Vishay
Z1
1700--2000 MHz Band 90°, 3 dB Hybrid Coupler
1P503S
Anaren
PCB
0.020″, εr =3.5
R04350B
Rogers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com