Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MRF8P20140WHR3 Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # MRF8P20140WHR3
Description  RF Power Field Effect Transistors N--Channel Enhancement--Mode Lateral MOSFETs
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MRF8P20140WHR3 Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  MRF8P20140WHR3 Datasheet HTML 1Page - Freescale Semiconductor, Inc MRF8P20140WHR3 Datasheet HTML 2Page - Freescale Semiconductor, Inc MRF8P20140WHR3 Datasheet HTML 3Page - Freescale Semiconductor, Inc MRF8P20140WHR3 Datasheet HTML 4Page - Freescale Semiconductor, Inc MRF8P20140WHR3 Datasheet HTML 5Page - Freescale Semiconductor, Inc MRF8P20140WHR3 Datasheet HTML 6Page - Freescale Semiconductor, Inc MRF8P20140WHR3 Datasheet HTML 7Page - Freescale Semiconductor, Inc MRF8P20140WHR3 Datasheet HTML 8Page - Freescale Semiconductor, Inc MRF8P20140WHR3 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
2
RF Device Data
Freescale Semiconductor
MRF8P20140WHR3 MRF8P20140WHSR3
Table 2. Thermal Characteristics
Characteristic
Symbol
Value (1)
Unit
Thermal Resistance, Junction to Case
Case Temperature 80°C, 24 W CW, 28 Vdc, IDQA = 500 mA, VGSB = 1.2 Vdc, 1920 MHz
Case Temperature 96°C, 130 W CW(2),28Vdc,IDQA = 500 mA, VGSB = 1.2 Vdc, 1920 MHz
RθJC
0.68
0.40
°C/W
Table 3. ESD Protection Characteristics
Test Methodology
Class
Human Body Model (per JESD22--A114)
2 (Minimum)
Machine Model (per EIA/JESD22--A115)
A (Minimum)
Charge Device Model (per JESD22--C101)
IV (Minimum)
Table 4. Electrical Characteristics (TA =25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
Off Characteristics (3)
Zero Gate Voltage Drain Leakage Current
(VDS =65 Vdc, VGS =0 Vdc)
IDSS
10
μAdc
Zero Gate Voltage Drain Leakage Current
(VDS =28 Vdc, VGS =0 Vdc)
IDSS
5
μAdc
Gate--Source Leakage Current
(VGS =5 Vdc, VDS =0 Vdc)
IGSS
1
μAdc
On Characteristics (3,4)
Gate Threshold Voltage
(VDS =10 Vdc, ID = 200 μAdc)
VGS(th)
1.1
1.8
2.6
Vdc
Gate Quiescent Voltage
(VDS =28 Vdc, IDA = 500 mAdc)
VGSA(Q)
2.6
Vdc
Fixture Gate Quiescent Voltage (5)
(VDD =28 Vdc, IDA = 500 mAdc, Measured in Functional Test)
VGGA(Q)
4.5
5.2
6.0
Vdc
Drain--Source On--Voltage
(VGS =10 Vdc, ID =2 Adc)
VDS(on)
0.1
0.2
0.3
Vdc
Functional Tests (4,6,7) (In Freescale Doherty Test Fixture, 50 ohm system) VDD =28 Vdc, IDQA = 500 mA, VGSB =1.2 Vdc,
Pout = 24 W Avg., f1 = 1880 MHz, f2 = 1910 MHz, 2--Carrier W--CDMA, IQ Magnitude Clipping, Input Signal PAR = 9.8 dB @ 0.01%
Probability on CCDF. ACPR measured in 3.84 MHz Channel Bandwidth @ ±5MHz Offset.
Power Gain
Gps
15.0
16.0
18.0
dB
Drain Efficiency
ηD
37.5
41.2
%
Output Peak--to--Average Ratio @ 0.01% Probability on CCDF
PAR
7.3
7.7
dB
Adjacent Channel Power Ratio
ACPR
--31.9
--29.5
dBc
Typical Broadband Performance (7) — (In Freescale Doherty Test Fixture, 50 ohm system) VDD =28 Vdc, IDQA = 500 mA, VGSB =1.2 Vdc,
Pout = 24 W Avg., Single--Carrier W--CDMA, IQ Magnitude Clipping, Input Signal PAR = 9.9 dB @ 0.01% Probability on CCDF. ACPR
measured in 3.84 MHz Channel Bandwidth @ ±5MHz Offset.
Frequency
Gps
(dB)
ηD
(%)
Output PAR
(dB)
ACPR
(dBc)
1880 MHz
16.0
42.8
8.0
--31.0
1920 MHz
16.0
43.7
8.1
--32.6
2025 MHz
15.9
42.0
8.1
--31.2
1. Refer to AN1955, Thermal Measurement Methodology of RF Power Amplifiers. Go to http://www.freescale.com/rf.
Select Documentation/Application Notes -- AN1955.
2. Exceeds recommended operating conditions. See CW operation data in Maximum Ratings table.
3. Each side of device measured separately.
4. VDDA and VDDB must be tied together and powered by a single DC power supply.
5. VGG =2.0 x VGS(Q). Parameter measured on Freescale Test Fixture, due to resistive divider network on the board. Refer to Test Circuit
schematic.
6. Part internally matched both on input and output.
7. Measurement made with device in a Symmetrical Doherty configuration.
(continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com