Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

1N821 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # 1N821
Description  Monolithic Temperature Compensated Zener Reference Chips
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

1N821 Datasheet(HTML) 1 Page - Microsemi Corporation

  1N821 Datasheet HTML 1Page - Microsemi Corporation 1N821 Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TECHNICAL DATA SHEET
6 Lake Street, Lawrence, MA 01841
Gort Road Business Park, Ennis, Co. Clare, Ireland
1-800-446-1158 / (978) 620-2600 / Fax: (978) 689-0803
Tel: +353 (0) 65 6840044 Fax: +353 (0) 65 6822298
Website: http://www.microsemi.com
ZENER DIODE
– Monolithic Temperature Compensated Zener Reference Chips
– All Junctions Completely Protected with Silicon Dioxide
– Electrically Equivalent to 1N821 Thru 1N829
– Compatible with all Wire Bonding and Die Attach Techniques with
the Exception of Solder Reflow
Qualified per MIL-PRF-19500/159
LDS-0071 Rev. 2 (101557)
Page 1 of 2
DEVICES
QUALIFIED LEVELS
1N821
1N825
1N829
JANHC
1N823
1N827
JANKC
(For 1N821 thru 1N829)
MAXIMUM RATING AT 25°C
Operating Temperature:
-65°C to +175°C
Storage Temperature:
-65°C to +175°C
REVERSE LEAKAGE CURRENT
IR = 2μA @ 25°C & VR = 3Vdc
ELECTRICAL CHARACTERISTICS (TA = 25°C, unless otherwise specified)
TYPE
NUMBER
ZENER
VOLTAGE
ZENER
TEST
CURRENT
MAXIMUM
ZENER
IMPEDANCE
-55° to +100°
VOLTAGE
TEMPERATURE
STABILITY
EFFECTIVE
TEMPERATURE
COEFFICIENT
VZT @ IZT
IZT
ZZT (Note 1)
3V
ZT (Note 2)
VOLTS
mA
OHMS
mV
% / °C
1N821
5.9 – 6.5
7.5
15
96
0.01
1N823
5.9 – 6.5
7.5
15
48
0.005
1N825
5.9 – 6.5
7.5
15
19
0.002
1N827
5.9 – 6.5
7.5
15
9
0.001
1N829
5.9 – 6.5
7.5
15
5
0.0005
NOTE:
1.
Zener impedance is derived by superimposing on IZT A 60Hz rms a.c. current equal to 10%
of IZT.
2.
The maximum allowable change observed over the entire temperature range i.e., the diode
voltage will not exceed the specified mV at any discrete temperature between the
established limits, per JEDEC standard No.5
A
T
C


Similar Part No. - 1N821

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
1N821 MOTOROLA-1N821 Datasheet
36Kb / 4P
TEMPERATURECOMPENSATED SILICON ZENER REFERENCE DIODES 6.2 V, 400 mW
logo
NXP Semiconductors
1N821 PHILIPS-1N821 Datasheet
28Kb / 5P
Voltage reference diodes
1996 Mar 20
logo
Compensated Deuices Inc...
1N821 CDI-DIODE-1N821 Datasheet
97Kb / 2P
TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
logo
Microsemi Corporation
1N821 MICROSEMI-1N821 Datasheet
76Kb / 2P
6.2 & 6.55 VOLT TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
1N821 MICROSEMI-1N821 Datasheet
78Kb / 2P
6.2 & 6.55 VOLT TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
More results

Similar Description - 1N821

ManufacturerPart #DatasheetDescription
logo
Compensated Deuices Inc...
CD4765 CDI-DIODE-CD4765 Datasheet
137Kb / 2P
MONOLITHIC TEMPERATURE COMPENSATED ZENER REFERENCE CHIPS
CD821 CDI-DIODE-CD821 Datasheet
78Kb / 2P
MONOLITHIC TEMPERATURE COMPENSATED ZENER REFERENCE CHIPS
CDLL4916 CDI-DIODE-CDLL4916 Datasheet
77Kb / 2P
TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
logo
Microsemi Corporation
1N935BUR-1 MICROSEMI-1N935BUR-1 Datasheet
535Kb / 2P
TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
CD821 MICROSEMI-CD821 Datasheet
287Kb / 2P
MONOLITHIC TEMPERATURE COMPENSATED ZENER REFERENCE CHIPS
CD935 MICROSEMI-CD935 Datasheet
643Kb / 2P
MONOLITHIC TEMPERATURE COMPENSATED ZENER REFERENCE CHIPS
CD4765 MICROSEMI-CD4765 Datasheet
562Kb / 2P
MONOLITHIC TEMPERATURE COMPENSATED ZENER REFERENCE CHIPS
logo
New Jersey Semi-Conduct...
1N4611 NJSEMI-1N4611 Datasheet
62Kb / 1P
TEMPERATURE COMPENSATED ZENER REFERENCE DIODE
logo
American Microsemicondu...
1N4575 AMMSEMI-1N4575 Datasheet
311Kb / 1P
TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
1N4583 AMMSEMI-1N4583 Datasheet
311Kb / 1P
TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com