Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

1N821 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # 1N821
Description  Monolithic Temperature Compensated Zener Reference Chips
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

1N821 Datasheet(HTML) 2 Page - Microsemi Corporation

  1N821 Datasheet HTML 1Page - Microsemi Corporation 1N821 Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TECHNICAL DATA SHEET
6 Lake Street, Lawrence, MA 01841
Gort Road Business Park, Ennis, Co. Clare, Ireland
1-800-446-1158 / (978) 620-2600 / Fax: (978) 689-0803
Tel: +353 (0) 65 6840044 Fax: +353 (0) 65 6822298
Website: http://www.microsemi.com
LDS-0071 Rev. 2 (101557)
Page 2 of 2
PACKAGE DIMENSIONS
Backside must be electrically isolated to ensure proper performance.
DESIGN DATA
Metallization:
Top: 1 (Cathode)
Al
Circuit layout data:
2 (Anode)
Al
For zener operation, cathode must be operated positive with respect to anode.
3 (Test pad)
Al
Test pad is for wire bond evaluation only. No electrical contact is made with test pad.
Back:
Au
Al thickness
25,000Å minimum.
Gold thickness
4,000Å minimum.
Chip thickness
.010 inch (0.25 mm) ±0.002 inch (+0.05 mm).
NOTES:
1. Dimensions are in inches unless otherwise indicated.
2. Millimeters are given for general information only.
3. In accordance with ASME Y14.5M, diameters are equivalent to
φx symbology.
JANHC and JANKC (A-version) die dimensions.
Symbol
Dimensions
Inches
Millimeters
Min
Max
Min
Max
A
.0280
.0320
.711
.813
B
.0080
.0100
.203
.254
C
.0104
.0106
.264
.269
D
.0019
.0021
.048
.053
E
.0054
.0056
.137
.142
F
.0020
.0040
.050
.102
G
.0280
.0320
.711
.813
H
.0030
.0050
.076
.127
J
.0030
.0050
.076
.127
K
.0209
.0211
.531
.536
L
.0080
.0100
.203
.254
M
.0104
.0106
.264
.269
N
.0059
.0061
.150
.155



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com