Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

1N2840B Datasheet(PDF) 3 Page - Microsemi Corporation

Part # 1N2840B
Description  50 WATT ZENER DIODES
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

1N2840B Datasheet(HTML) 3 Page - Microsemi Corporation

  1N2840B Datasheet HTML 1Page - Microsemi Corporation 1N2840B Datasheet HTML 2Page - Microsemi Corporation 1N2840B Datasheet HTML 3Page - Microsemi Corporation 1N2840B Datasheet HTML 4Page - Microsemi Corporation 1N2840B Datasheet HTML 5Page - Microsemi Corporation 1N2840B Datasheet HTML 6Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
TECHNICAL DATA SHEET
6 Lake Street, Lawrence, MA 01841
1-800-446-1158 / (978) 620-2600 / Fax: (978) 689-0803
Website: http: //www.microsemi.com
50 WATT ZENER DIODES
Qualified per MIL-PRF-19500/114
T4-LDS-0076 Rev. 2 (101151)
Page 3 of 6
ELECTRICAL CHARACTERISTICS @ 30°C Case Temperature
JEDEC
TYPE NO.
(Note 1)
NOMINAL
ZENER
VOLTAGE
VZ @ IZT
(Note 2)
Volts
ZENER
TEST
CURRENT
(
IZT)
mA
MAX. DYNAMIC
IMPEDANCE
(Note 3)
MAX. DC ZENER
CURRENT
(
IZM) @ 75
oC
Stud Temp.
(Note 4)
mA
TYPICAL
TEMP.
COEFF.
α
VZ
%/
oC
MAX**
REVERSE
CURRENT
IR
@
VR
POLARITY
ZZT @ IZT
OHMS
ZZK @
1mA (IZK)
OHMS
μA
Volts
†1N4557B
†1N4558B
†1N4559B
†1N4560B
†1N4561B
†1N4562B
1N4563B
1N4564B
3.9
4.3
4.7
5.1
5.6
6.2
6.8
7.5
3200
2900
2650
2450
2250
2000
1850
1650
0.16
0.16
0.12
0.12
0.12
0.14
0.16
0.24
400
500
600
650
900
1000
200
100
11,900
10,650
9,700
8,900
8,100
7,300
6,650
6,050
-0.046
-0.033
-0.015
+/-0.010
+0.03
+0.049
+0.053
+0.057
150
150
100
20
20
20
10
10
0.5
0.5
1
1
1
2
2
3
†1N2804B
†1N2805B
†1N2806B
†1N2807B
†1N2808B
†1N2809B
6.8
7.5
8.2
9.1
10
11
1850
1700
1500
1370
1200
1100
0.2
0.3
0.4
0.5
0.6
0.8
70
70
70
70
80
80
7,400
6,600
5,800
5,300
4,800
4,300
.040
.045
.048
.050
.055
.060
150
100
50
25
25
10
4.5
5
5.4
6.1
6.7
8.4
†1N2810B
†1N2811B
1N2812B
†1N2813B
†1N2814B
1N2815B
12
13
14
15
16
17
1000
960
890
830
780
740
1.0
1.1
1.2
1.4
1.6
1.8
80
80
80
80
80
80
4,000
3,700
3,400
3,100
2,950
2,750
.065
.065
.070
.070
.070
.075
10
10
10
10
10
10
9.1
9.9
10.6
11.4
12.2
13.0
†1N2816B
1N2817B
†1N2818B
†1N2819B
†1N2820B
1N2821B
18
19
20
22
24
25
700
660
630
570
520
500
2.0
2.2
2.4
2.5
2.6
2.7
80
80
80
80
80
90
2,550
2,450
2,350
2,100
1,950
1,850
.075
.075
.075
.080
.080
.080
10
10
10
10
10
10
13.7
14.4
15.2
16.7
18.2
19
†1N2822B
†1N2823B
†1N2824B
†1N2825B
†1N2826B
†1N2827B
27
30
33
36
39
43
460
420
380
350
320
290
2.8
3.0
3.2
3.5
4.0
4.5
90
90
90
90
90
90
1,650
1,550
1,450
1,300
1,175
1,075
.085
.085
.085
.085
.090
.090
10
10
10
10
10
10
20.6
22.8
25.1
27.4
29.7
32.7
1N2828B
†1N2829B
1N2830B
†1N2831B
†1N2832B
†1N2833B
45
47
50
51
56
62
280
270
250
245
220
200
4.5
5.0
5.0
5.2
6
7
100
100
100
100
110
120
1,030
980
935
925
825
735
.090
.090
.090
.090
.090
.090
10
10
10
10
10
10
34.2
35.8
38
38.8
42.6
47.1
†1N2834B
†1N2835B
†1N2836B
†1N2837B
†1N2838B
1N2839B
68
75
82
91
100
105
180
170
150
140
120
120
8
9
11
15
20
25
140
150
160
180
200
210
670
600
550
470
450
430
.090
.090
.090
.090
.090
.095
10
10
10
10
10
10
51.7
56
62.2
69.2
76
79.8
†1N2840B
†1N2841B
†1N2842B
†1N2843B
†1N2844B
†1N2845B
†1N2846B
110
120
130
150
160
180
200
110
100
95
85
80
68
65
30
40
50
75
80
90
100
220
240
275
400
450
525
600
410
375
345
300
285
250
220
.095
.095
.095
.095
.095
.095
.100
10
10
10
10
10
10
10
83.6
91.2
98.8
114.0
121.6
136.8
152.0



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com