Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

1N2840B Datasheet(PDF) 6 Page - Microsemi Corporation

Part # 1N2840B
Description  50 WATT ZENER DIODES
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

1N2840B Datasheet(HTML) 6 Page - Microsemi Corporation

  1N2840B Datasheet HTML 1Page - Microsemi Corporation 1N2840B Datasheet HTML 2Page - Microsemi Corporation 1N2840B Datasheet HTML 3Page - Microsemi Corporation 1N2840B Datasheet HTML 4Page - Microsemi Corporation 1N2840B Datasheet HTML 5Page - Microsemi Corporation 1N2840B Datasheet HTML 6Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
TECHNICAL DATA SHEET
6 Lake Street, Lawrence, MA 01841
1-800-446-1158 / (978) 620-2600 / Fax: (978) 689-0803
Website: http: //www.microsemi.com
50 WATT ZENER DIODES
Qualified per MIL-PRF-19500/114
T4-LDS-0076 Rev. 2 (101151)
Page 6 of 6
PACKAGE DIMENSIONS
NOTES:
1.
Dimensions are in inches.
2.
Milimeter equivalents are given for general information only.
3.
These dimensions should be measured at points .050 inch (1.27mm) + .005 inch (0.13mm) -.000 inch (0.00mm) below
seating plane.
4.
The seating plane of the header shall be flat within .001 (0.03mm) concave to .004 inch (0.10mm) convex .001 inch
(0.003mm) cocave to .006 inch (0.15mm) convex overall.
5.
Pins 1 and 2 are internally connected with an internal jumper.
6.
Devices wih B suffix have the anode internally connected to the case and devices with RB suffix (reverse polarity) have
the cathode internally connected to the case.
7.
In accordance with ASME Y14.5M, diameters are equivalent to
φx symbology.
FIGURE 1. Physical dimensions (similar to TO-3)
Dimensions
Ltr
Inches
Millimeters
Notes
Min
Max
Min
Max
CH
.270
.380
6.86
9.65
LD
.048
.053
0.97
1.35
CD
.875
22.23
PS
.420
.440
10.67
11.18
3
PS1
.205
.225
5.21
5.72
3
HT
.060
.135
1.52
3.42
LL
.312
.500
7.92
12.70
L1
.050
1.27
MHD
.151
.165
3.84
4.09
MHS
1.177
1.197
29.90
30.40
HR
.495
.525
12.57
13.34
HR1
.131
.188
3.33
4.78
S1
.655
.675
16.64
17.15



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com