Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CZD5103 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # CZD5103
Description  NPN Epitaxial Planar Silicon Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

CZD5103 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  CZD5103 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH CZD5103 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH CZD5103 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH CZD5103 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CZD5103
NPN Epitaxial Planar Silicon Transistor
Elektronische Bauelemente
23-Apr-2010 Rev. A
Page 1 of 4
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.

Base

Emitter
Collector

DESCRIPTION
The CZD5103 is designed for high speed switching applications.
FEATURES
Low saturation voltage, typically VCE(sat)= 0.15V at IC/IB= 3A/0.15A
High speed switching, typically Tf = 0.1s at IC= 3A
Wide SOA
Complements to CZD1952
MARKING
SWITCHING TIME TEST CIRCUIT
ABSOLUTE MAXIMUM RATINGS (TA = 25°C)
Parameter
Symbol
Ratings
Unit
Collector to Base Voltage
VCBO
100
V
Collector to Emitter Voltage
VCEO
60
V
Emitter to Base Voltage
VEBO
5
V
Collector Current (DC)
IC
6
A
Collector Current (Pulse)
IC
20
A
Total Device Dissipation
(TA=25°C)
PD
1
W
Total Device Dissipation
(TC=25°C)
PD
10
W
Junction Temperature
TJ
150
℃
Storage Temperature
TSTG
-55 ~ 150
℃
REF.
Millimeter
REF.
Millimeter
Min.
Max.
Min.
Max.
A
6.4
6.8
J
2.30 REF.
B
5.20
5.50
K
0.70
0.90
C
2.20
2.40
M
0.50
1.1
D
0.45
0.58
N
0.9
1.6
E
6.8
7.3
O
0
0.15
F
2.40
3.0
P
0.43
0.58
G
5.40
6.2
H
0.8
1.20
A
C
D
N
O
P
G E
F
H
K
J
M
B
D-Pack (TO-252)
5103

1
Date Code


Similar Part No. - CZD5103

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
CZD5706 SECOS-CZD5706 Datasheet
795Kb / 3P
NPN Epitaxial Silicon Transistor
More results

Similar Description - CZD5103

ManufacturerPart #DatasheetDescription
logo
AUK corp
SUR519J AUK-SUR519J Datasheet
226Kb / 3P
Epitaxial planar NPN silicon transistor
SUR523H AUK-SUR523H Datasheet
227Kb / 3P
Epitaxial planar NPN silicon transistor
SUR538J AUK-SUR538J Datasheet
236Kb / 3P
Epitaxial planar NPN silicon transistor
SUT562EF AUK-SUT562EF Datasheet
236Kb / 4P
Epitaxial planar NPN silicon transistor
logo
Continental Device Indi...
CSC3930 CDIL-CSC3930 Datasheet
107Kb / 3P
NPN SILICON PLANAR EPITAXIAL TRANSISTOR
logo
Unisonic Technologies
2SD1060 UTC-2SD1060 Datasheet
134Kb / 3P
NPN EPITAXIAL PLANAR SILICON TRANSISTOR
logo
GTM CORPORATION
GJSD1802 GTM-GJSD1802 Datasheet
491Kb / 3P
NPN EPITAXIAL PLANAR SILICON TRANSISTOR
logo
Galaxy Semi-Conductor H...
2SC4226W BILIN-2SC4226W Datasheet
178Kb / 4P
NPN Silicon Epitaxial Planar Transistor
Rev.A
KTC3879 BILIN-KTC3879 Datasheet
222Kb / 4P
NPN Silicon Epitaxial Planar Transistor
KTC4075 BILIN-KTC4075 Datasheet
233Kb / 4P
NPN Silicon Epitaxial Planar Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com