Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

APT38N60SC6 Datasheet(PDF) 3 Page - Microsemi Corporation

Part # APT38N60SC6
Description  C Super Junction MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APT38N60SC6 Datasheet(HTML) 3 Page - Microsemi Corporation

  APT38N60SC6 Datasheet HTML 1Page - Microsemi Corporation APT38N60SC6 Datasheet HTML 2Page - Microsemi Corporation APT38N60SC6 Datasheet HTML 3Page - Microsemi Corporation APT38N60SC6 Datasheet HTML 4Page - Microsemi Corporation APT38N60SC6 Datasheet HTML 5Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Typical Performance Curves
APT38N60B_SC6
0.7
0.8
0.9
1.0
1.1
1.2
- 50
0
50
100
150
0.85
0.90
.95
.00
1.05
1.10
.15
.20
-50
0
50
100
150
0
0.50
1.00
1.50
2.00
2.50
3.00
0
20
40
60
80
100
120
0
5
10
15
20
25
30
35
40
25
50
75
100
125
150
0
10
20
30
40
50
60
0
1
2
3
4
5
6
7
8
9 10
0
20
40
60
80
100
0
5
10
15
20
25
30
6.5V
10 &15V
V
GS = 20V
T
J= 25°C
T
J= -55°C
V
DS, DRAIN-TO-SOURCE VOLTAGE (V)
FIGURE 2, Low Voltage Output Characteristics
T
J= 125°C
V
GS, GATE-TO-SOURCE VOLTAGE (V)
FIGURE 3, Transfer Characteristics
T
C, CASE TEMPERATURE (C°)
FIGURE 5, Maximum Drain Current vs Case Temperature
I
D, DRAIN CURRENT (A)
FIGURE 4, R
DS(ON) vs Drain Current
T
J, Junction Temperature (°C)
FIGURE 6, Breakdown Voltage vs Temperature
T
C, Case Temperature (°C)
FIGURE 8, Threshold Voltage vs Temperature
0
0.5
1.0
1.5
2.0
2.5
3.0
-50
0
50
100
150
T
J, JUNCTION TEMPERATURE (C°)
FIGURE 7, On-Resistance vs Temperature
4.5V
5.5V
6V
5V
V
GS = 10V
V
DS> ID (ON) x RDS (ON)MAX.
250μSEC. PULSE TEST
@ <0.5 % DUTY CYCLE
NORMALIZED TO
V
GS = 10V @ 19A
V
DS, DRAIN-TO-SOURCE VOLTAGE (V)
FIGURE 9, Maximum Safe Operating Area
0.1
1
10
100
800
1
10
100
800
1ms
100ms
100µs
10ms
10µs
7V
R
ds(on)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com