Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

APT38N60SC6 Datasheet(PDF) 4 Page - Microsemi Corporation

Part # APT38N60SC6
Description  C Super Junction MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APT38N60SC6 Datasheet(HTML) 4 Page - Microsemi Corporation

  APT38N60SC6 Datasheet HTML 1Page - Microsemi Corporation APT38N60SC6 Datasheet HTML 2Page - Microsemi Corporation APT38N60SC6 Datasheet HTML 3Page - Microsemi Corporation APT38N60SC6 Datasheet HTML 4Page - Microsemi Corporation APT38N60SC6 Datasheet HTML 5Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Typical Performance Curves
APT38N60B_SC6
0
500
1000
1500
2000
2500
0
10
20
30
40
50
60
0
20
40
60
80
00
10
20
30
40
50
60
1
10
100
200
0.3
0.5
0.7
0.9
1.1
1.3
1.5
0
20
40
60
80
100
120
140
160
180
10
20
30
40
50
60
0
2
4
6
8
10
12
14
0
20
40
60
80
100
120
140
1
10
100
1000
10,000
100,000
0
100
200
300
400
500
C
iss
T
J = =25°C
V
DS= 480V
V
DS, DRAIN-TO-SOURCE VOLTAGE (V)
FIGURE 10, Capacitance vs Drain-To-Source Voltage
V
DS= 300V
Q
g, TOTAL GATE CHARGE (nC)
FIGURE 11, Gate Charges vs Gate-To-Source Voltage
I
D (A)
FIGURE 13, Delay Times vs Current
V
SD, SOURCE-TO-DRAIN VOLTAGE (V)
FIGURE 12, Source-Drain Diode Forward Voltage
I
D (A)
FIGURE 14 , Rise and Fall Times vs Current
R
G, GATE RESISTANCE (Ohms)
FIGURE 16, Switching Energy vs Gate Resistance
0
400
800
1200
1600
2000
0
10
20
30
40
50
60
I
D (A)
FIGURE 15, Switching Energy vs Current
C
oss
C
rss
T
J= +150°C
I
D = 38A
V
DD = 400V
R
G = 4.3 Ω
T
J = 125°C
L = 100μH
t
d(on)
t
d(off)
V
DD = 400V
R
G = 4.3Ω
T
J = 125°C
L = 100μH
E
ON includes
diode reverse recovery.
E
on
E
off
V
DD = 400V
R
G = 4.3Ω
T
J = 125°C
L = 100μH
t
r
t
f
E
on
E
off
V
DD = 400V
I
D = 38A
T
J = 125°C
L = 100μH
E
ON includes
diode reverse recovery.
V
DS= 120V



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com