Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DAC8563SDGST Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # DAC8563SDGST
Description  DUAL 16-/14-/12-BIT, ULTRALOW-GLITCH, LOW-POWER, BUFFERED, VOLTAGE-OUTPUT
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC8563SDGST Datasheet(HTML) 18 Page - Texas Instruments

Back Button DAC8563SDGST Datasheet HTML 14Page - Texas Instruments DAC8563SDGST Datasheet HTML 15Page - Texas Instruments DAC8563SDGST Datasheet HTML 16Page - Texas Instruments DAC8563SDGST Datasheet HTML 17Page - Texas Instruments DAC8563SDGST Datasheet HTML 18Page - Texas Instruments DAC8563SDGST Datasheet HTML 19Page - Texas Instruments DAC8563SDGST Datasheet HTML 20Page - Texas Instruments DAC8563SDGST Datasheet HTML 21Page - Texas Instruments DAC8563SDGST Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 56 page
background image
Time (5 s/div)
V
B (1 V/div)
OUT
V
A (500 V/div)
OUT
V
A at Midscale Code
Internal Reference Enabled
Gain = 2
OUT
Trigger (5 V/div)
LDAC
Glitch Area (Between Cursors) = 1.6 nV-s
7.3 s
Time (5 s/div)
V
B (1 V/div)
OUT
V
A (500 V/div)
OUT
V
A at Midscale Code
Internal Reference Enabled
Gain = 2
OUT
Trigger (5 V/div)
LDAC
Glitch Area (Between Cursors) = 2 nV-s
6.4 s
0
200
400
600
800
1000
1200
1400
10
100
1k
10k
100k
Frequency (Hz)
Full Scale
Mid Scale
Zero Scale
Internal reference disabled
VREFIN = 5 V, Gain = 1
0
200
400
600
800
1000
1200
1400
10
100
1k
10k
100k
Frequency (Hz)
Full Scale
Mid Scale
Zero Scale
Internal reference enabled
Gain = 2
DAC = Midscale
2.5
»
V
PP
Time (500 ns/div)
SCLK (5 V/div)
V
(500 V/div)
OUT
Clock Feedthrough Impulse
0.06 nV-s
»
DAC8562, DAC8563
DAC8162, DAC8163
DAC7562, DAC7563
SLAS719C
– AUGUST 2010 – REVISED JUNE 2011
www.ti.com
TYPICAL CHARACTERISTICS: DAC at AVDD = 5.5 V (continued)
At TA = 25°C, 5-V external reference used, gain = 1 and DAC output not loaded, unless otherwise noted.
CHANNEL-TO-CHANNEL CROSSTALK
CHANNEL-TO-CHANNEL CROSSTALK
5-V RISING EDGE
5-V FALLING EDGE
Figure 43.
Figure 44.
DAC OUTPUT NOISE DENSITY
DAC OUTPUT NOISE DENSITY
vs FREQUENCY
vs FREQUENCY
Figure 45.
Figure 46.
DAC OUTPUT NOISE
CLOCK FEEDTHROUGH
0.1 Hz TO 10 Hz
500 kHz, MIDSCALE
Figure 47.
Figure 48.
18
Submit Documentation Feedback
Copyright
© 2010–2011, Texas Instruments Incorporated
Product Folder Link(s): DAC8562 DAC8563 DAC8162 DAC8163 DAC7562 DAC7563



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com