Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DAC8563SDGST Datasheet(PDF) 26 Page - Texas Instruments

Click here to check the latest version.
Part # DAC8563SDGST
Description  DUAL 16-/14-/12-BIT, ULTRALOW-GLITCH, LOW-POWER, BUFFERED, VOLTAGE-OUTPUT
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC8563SDGST Datasheet(HTML) 26 Page - Texas Instruments

Back Button DAC8563SDGST Datasheet HTML 22Page - Texas Instruments DAC8563SDGST Datasheet HTML 23Page - Texas Instruments DAC8563SDGST Datasheet HTML 24Page - Texas Instruments DAC8563SDGST Datasheet HTML 25Page - Texas Instruments DAC8563SDGST Datasheet HTML 26Page - Texas Instruments DAC8563SDGST Datasheet HTML 27Page - Texas Instruments DAC8563SDGST Datasheet HTML 28Page - Texas Instruments DAC8563SDGST Datasheet HTML 29Page - Texas Instruments DAC8563SDGST Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 56 page
background image
DAC
Gain
Register
Register
REF(+)
Resistor String
REF( )
-
GND
V
/
V
REFIN
REFOUT
V
OUT
150 kW
150 kW
D
IN
n
IN
O UT
REF
n
D
V
=
V
Gain
2
æ
ö
´
´
ç
÷
è
ø
DAC8562, DAC8563
DAC8162, DAC8163
DAC7562, DAC7563
SLAS719C
– AUGUST 2010 – REVISED JUNE 2011
www.ti.com
THEORY OF OPERATION
DIGITAL-TO-ANALOG CONVERTER (DAC)
The DAC756x, DAC816x, and DAC856x architecture consists of two string DACs, each followed by an output
buffer amplifier. The devices include an internal 2.5-V reference with 4-ppm/
°C temperature drift performance.
Figure 88 shows a principal block diagram of the DAC architecture.
Figure 88. DAC Architecture
The input coding to the DAC756x, DAC816x, and DAC856x is straight binary, so the ideal output voltage is given
by Equation 1:
(1)
where:
n = resolution in bits; either 12 (DAC756x), 14 (DAC816x) or 16 (DAC856x)
DIN = decimal equivalent of the binary code that is loaded to the DAC register. DIN ranges from 0 to 2
n – 1.
VREF = DAC reference voltage; either VREFOUT from the internal 2.5-V reference or VREFIN from an
aaa external reference.
Gain = 1 by default when internal reference is disabled (using external reference), and gain = 2 by default
aaa when using internal reference. Gain can also be manually set to either 1 or 2 using the gain register.
aaa See the GAIN REGISTERS section for more information.
26
Submit Documentation Feedback
Copyright
© 2010–2011, Texas Instruments Incorporated
Product Folder Link(s): DAC8562 DAC8563 DAC8162 DAC8163 DAC7562 DAC7563



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com