Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DAC8563SDSCT Datasheet(PDF) 31 Page - Texas Instruments

Click here to check the latest version.
Part # DAC8563SDSCT
Description  DUAL 16-/14-/12-BIT, ULTRALOW-GLITCH, LOW-POWER, BUFFERED, VOLTAGE-OUTPUT
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC8563SDSCT Datasheet(HTML) 31 Page - Texas Instruments

Back Button DAC8563SDSCT Datasheet HTML 27Page - Texas Instruments DAC8563SDSCT Datasheet HTML 28Page - Texas Instruments DAC8563SDSCT Datasheet HTML 29Page - Texas Instruments DAC8563SDSCT Datasheet HTML 30Page - Texas Instruments DAC8563SDSCT Datasheet HTML 31Page - Texas Instruments DAC8563SDSCT Datasheet HTML 32Page - Texas Instruments DAC8563SDSCT Datasheet HTML 33Page - Texas Instruments DAC8563SDSCT Datasheet HTML 34Page - Texas Instruments DAC8563SDSCT Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 56 page
background image
DAC8562, DAC8563
DAC8162, DAC8163
DAC7562, DAC7563
www.ti.com
SLAS719C
– AUGUST 2010 – REVISED JUNE 2011
Input Shift Register
The input shift register (SR) of the DAC856x, DAC816x, and DAC756x is 24 bits wide (as shown in Table 8,
Table 9, and Table 10, respectively), and consists of two don
’t care bits (DB23 to DB22), three command bits
(DB21 to DB19), three address bits (DB18 to DB16), and 16 data bits (DB15 to DB0). The 16 data bits comprise
the 16-, 14-, or 12-bit input code.
Table 8. DAC856x Data Input Register Format
Command
Address
Data
X(1)
X
C2
C1
C0
A2
A1
A0
D15 D14 D13 D12 D11 D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
DB23
DB0
(1)
X
' denotes don't care bits.
Table 9. DAC816x Data Input Register Format
Command
Address
Data
X
X
C2
C1
C0
A2
A1
A0
D13 D12 D11 D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
X
X
DB23
DB0
Table 10. DAC756x Data Input Register Format
Command
Address
Data
X
X
C2
C1
C0
A2
A1
A0
D11 D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
X
X
X
X
DB23
DB0
The DAC856x, DAC816x, and DAC756x support a number of different load commands. The load commands are
summarized in Table 11 and Table 12, and fully exhausted in Table 13.
Table 11. Commands for the DAC856x, DAC816x, and DAC756x
C2
C1
C0
Command
(DB21)
(DB20)
(DB19)
0
0
0
Write to input register n (Table 12)
0
0
1
Software LDAC, update DAC register n (Table 12)
0
1
0
Write to input register n (Table 12) and update all DAC registers
0
1
1
Write to input register n and update DAC register n (Table 12)
1
0
0
Set DAC power up/down mode
1
0
1
Software reset
1
1
0
Set LDAC registers
1
1
1
Enable/disable internal reference
Table 12. Address Select for the DAC856x, DAC816x, and DAC756x
A2
A1
A0
Channel (n)
(DB18)
(DB17)
(DB16)
0
0
0
DAC-A
0
0
1
DAC-B
0
1
0
Gain (only use with command 000)
0
1
1
Reserved
1
0
0
Reserved
1
0
1
Reserved
1
1
0
Reserved
1
1
1
DAC-A and DAC-B
Copyright
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
31
Product Folder Link(s): DAC8562 DAC8563 DAC8162 DAC8163 DAC7562 DAC7563



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com