Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DAC8563SDSCT Datasheet(PDF) 37 Page - Texas Instruments

Click here to check the latest version.
Part # DAC8563SDSCT
Description  DUAL 16-/14-/12-BIT, ULTRALOW-GLITCH, LOW-POWER, BUFFERED, VOLTAGE-OUTPUT
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC8563SDSCT Datasheet(HTML) 37 Page - Texas Instruments

Back Button DAC8563SDSCT Datasheet HTML 33Page - Texas Instruments DAC8563SDSCT Datasheet HTML 34Page - Texas Instruments DAC8563SDSCT Datasheet HTML 35Page - Texas Instruments DAC8563SDSCT Datasheet HTML 36Page - Texas Instruments DAC8563SDSCT Datasheet HTML 37Page - Texas Instruments DAC8563SDSCT Datasheet HTML 38Page - Texas Instruments DAC8563SDSCT Datasheet HTML 39Page - Texas Instruments DAC8563SDSCT Datasheet HTML 40Page - Texas Instruments DAC8563SDSCT Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 56 page
background image
V
A
OUT
V
B
OUT
GND
LDAC
CLR
1
2
3
4
5
6
7
8
9
10
SYNC
SYNC
SCLK
SCLK
D
IN
D
IN
AV
DD
AV
DD
V
/V
REFIN
REFOUT
V
/
V
REFIN
REFOUT
1
2
3
4
5
6
7
8
9
10
V
A
OUT
V
B
OUT
GND
LDAC
CLR
AV
DD
AV
DD
1 F
m
1 F
m
150 nF
150 nF
DGS
DSC
(
)
REF _ MAX
REF _ MIN
6
REF
RANGE
V
V
Drift Error
10
ppm / C
V
T
-
æ
ö
=
´
°
ç
÷
ç
÷
´
è
ø
DAC8562, DAC8563
DAC8162, DAC8163
DAC7562, DAC7563
www.ti.com
SLAS719C
– AUGUST 2010 – REVISED JUNE 2011
APPLICATION INFORMATION
INTERNAL REFERENCE
The internal reference of the DAC756x, DAC816x, and DAC856x does not require an external load capacitor for
stability because it is stable without any capacitive load. However, for improved noise performance, an external
load capacitor of 150 nF or larger connected to the VREFIN/VREFOUT output is recommended. Figure 93 shows the
typical connections required for operation of the DAC756x, DAC816x, and DAC856x internal reference. A supply
bypass capacitor at the AVDD input is also recommended.
Figure 93. Typical Connections for Operating the DAC756x/DAC816x/DAC856x Internal Reference
Supply Voltage
The internal reference features an extremely low dropout voltage. It can be operated with a supply of only 5 mV
above the reference output voltage in an unloaded condition. For loaded conditions, refer to the Load Regulation
section. The stability of the internal reference with variations in supply voltage (line regulation, DC PSRR) is also
exceptional. Within the specified supply voltage range of 2.7 V to 5.5 V, the variation at VREFIN/VREFOUT is
typically 50
µV/V; see Figure 7.
Temperature Drift
The internal reference is designed to exhibit minimal drift error, defined as the change in reference output voltage
over varying temperature. The drift is calculated using the box method described by Equation 3:
(3)
where:
VREF_MAX = maximum reference voltage observed within temperature range TRANGE.
VREF_MIN = minimum reference voltage observed within temperature range TRANGE.
VREF = 2.5 V, target value for reference output voltage.
TRANGE = the characterized range from –40°C to 125°C (165°C range)
The internal reference features an exceptional typical drift coefficient of 4 ppm/
°C from –40°C to 125°C.
Characterizing a large number of units, a maximum drift coefficient of 10 ppm/
°C is observed. Temperature drift
results are summarized in Figure 3.
Noise Performance
Typical 0.1-Hz to 10-Hz voltage noise and noise spectral density performance are listed in the Electrical
Characteristics. Additional filtering can be used to improve output noise levels, although care should be taken to
ensure the output impedance does not degrade the AC performance. The output noise spectrum at the
VREFIN/VREFOUT pin, both unloaded and with an external 4.7-µF load capacitor, is shown in Figure 6. Internal
reference noise impacts the DAC output noise when the internal reference is used.
Copyright
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
37
Product Folder Link(s): DAC8562 DAC8563 DAC8162 DAC8163 DAC7562 DAC7563



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com