Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VRP1-20E2AC Datasheet(PDF) 3 Page - Bel Fuse Inc.

Part # VRP1-20E2AC
Description  NON-ISOLATED DC/DC CONVERTERS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

VRP1-20E2AC Datasheet(HTML) 3 Page - Bel Fuse Inc.

  VRP1-20E2AC Datasheet HTML 1Page - Bel Fuse Inc. VRP1-20E2AC Datasheet HTML 2Page - Bel Fuse Inc. VRP1-20E2AC Datasheet HTML 3Page - Bel Fuse Inc. VRP1-20E2AC Datasheet HTML 4Page - Bel Fuse Inc. VRP1-20E2AC Datasheet HTML 5Page - Bel Fuse Inc. VRP1-20E2AC Datasheet HTML 6Page - Bel Fuse Inc. VRP1-20E2AC Datasheet HTML 7Page - Bel Fuse Inc. VRP1-20E2AC Datasheet HTML 8Page - Bel Fuse Inc. VRP1-20E2AC Datasheet HTML 9Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302
 Tel 201-432-0463  Fax 201-432-9542  www.belfuse.com
3
NON-ISOLATED DC/DC CONVERTERS
4.5 Vdc - 13.8 Vdc Input
0.591 Vdc - 5.1 Vdc/20 A Output
Apr. 14, 2011
Bel Power Inc., a subsidiary of Bel Fuse Inc.
Output Specifications (continued)
Parameter
Min
Typ
Max
Unit
Notes
Turn On Time
-
2
10
mS
Overshoot at Turn on and off
-
-
5
%
Output Capacitance
0
-
1000
uF
Transient Response
Overshoot
-
200
300
mV
△V50%~75%
of Max Load
Settling Time
-
-
50
uS
Overshoot
-
200
300
mV
△V75%~50%
of Max Load
Settling Time
Vo=All
-
-
50
uS
di/dt = 2.5 A/uS; Vin =12 V; with 10 uF
tantalum cap and 1 uF ceramic at the
output, Ta=25
C
Note: All specifications are typical at 25°C unless otherwise stated.
General Specifications
Parameter
Min
Typ
Max
Unit
Notes
Efficiency
Vo=5.0 V
Vo=3.3 V
Vo=2.5 V
Vo=1.5 V
Vo=0.591 V
-
-
-
-
-
94
92
90
85
70
-
-
-
-
-
%
%
%
%
%
Vin=12V, full load
Switching Frequency
-
500
-
kHz
Output Voltage Trim Range
0.591
-
5.1
V
Remote Sense Compensation
-
-
0.2
V
Vin=12 V, Io=full load
Weight
-
9.7
-
g
MTBF
TBD
-
Calculated Per Bell Core SR-332 (IO =
80%Iomax; Vin=12 V; Ta = 25
C)
Dimensions
Inches (L × W × H)
Millimeters (L × W × H)
1.45 x 0.61 x 0.40
36.83 x 15.49 x 10.15
-
Note: All specifications are typical at 25 C unless otherwise stated.
Control Specifications
Parameter
Min
Typ
Max
Unit
Notes
Remote On/Off (Active High)
Signal Low (Unit Off)
-0.3
-
0.4
V
Signal High (Unit On)
2
-
5.5
V
Remote On/Off pin is open, unit is on.
PwGood (PowerGood)
2.4
-
6
V
PwGood = High = Power
Good
-
-
2
mA
0
-
0.35
V
PwGood = Low = Power Not
Good
-
-
5
mA



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com