Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VRP1-20E2AC Datasheet(PDF) 7 Page - Bel Fuse Inc.

Part # VRP1-20E2AC
Description  NON-ISOLATED DC/DC CONVERTERS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

VRP1-20E2AC Datasheet(HTML) 7 Page - Bel Fuse Inc.

  VRP1-20E2AC Datasheet HTML 1Page - Bel Fuse Inc. VRP1-20E2AC Datasheet HTML 2Page - Bel Fuse Inc. VRP1-20E2AC Datasheet HTML 3Page - Bel Fuse Inc. VRP1-20E2AC Datasheet HTML 4Page - Bel Fuse Inc. VRP1-20E2AC Datasheet HTML 5Page - Bel Fuse Inc. VRP1-20E2AC Datasheet HTML 6Page - Bel Fuse Inc. VRP1-20E2AC Datasheet HTML 7Page - Bel Fuse Inc. VRP1-20E2AC Datasheet HTML 8Page - Bel Fuse Inc. VRP1-20E2AC Datasheet HTML 9Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302
 Tel 201-432-0463  Fax 201-432-9542  www.belfuse.com
7
NON-ISOLATED DC/DC CONVERTERS
4.5 Vdc - 13.8 Vdc Input
0.591 Vdc - 5.1 Vdc/20 A Output
Apr. 14, 2011
Bel Power Inc., a subsidiary of Bel Fuse Inc.
Transient Response Waveforms
Vout= 2.5 V 50%-75% Load Transients
Vout=2.5 V 75%-50% Load Transients
Vout= 5 V 50%-75% Load Transients
Vout=5 V 75%-50% Load Transients
Note: Transient response at di/dt = 2.5 A/uS, with 1 uF ceramic capacitor at the output,
and Ta=25 deg C.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com