Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

B9451 Datasheet(PDF) 3 Page - EPCOS

Part # B9451
Description  SAW Rx Filter WCDMA Band I / Band IV / Band X
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B9451 Datasheet(HTML) 3 Page - EPCOS

  B9451 Datasheet HTML 1Page - EPCOS B9451 Datasheet HTML 2Page - EPCOS B9451 Datasheet HTML 3Page - EPCOS B9451 Datasheet HTML 4Page - EPCOS B9451 Datasheet HTML 5Page - EPCOS B9451 Datasheet HTML 6Page - EPCOS B9451 Datasheet HTML 7Page - EPCOS B9451 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
April 07, 2010
B9451
2140.0 MHz
SAW Components
SAW Filter
Data sheet
Please read
cautions and warnings and
important notes at the end of this document.
Characteristics
Operating temperature range:
T
= –30 ˚C to +85 ˚C
Terminating source impedance:
ZS =50 Ω +2.7nH (unbalanced)
Terminating load impedance:
ZL =50 Ω +1.9nH (unbalanced)
min.
typ.
@ 25 ˚C
max.
Center frequency
fC
—
2140.0
—
MHz
Maximum insertion attenuation
2110.0
... 2155.0MHz
α
max
—
1.9
2.7
dB
2110.0
... 2170.0MHz
α
max
—
1.9
2.7
dB
@fCarrier 2112.4 ... 2167.6MHz
α
WCDMA
1)
1) Attenuation of WCDMA signal (“Powertransferfunction”). Please refer to annotation below.
—
2.1
2.7
dB
Amplitude ripple (p-p)
∆α
2110.0
... 2155.0MHz
—
0.5
1.2
dB
2110.0
... 2170.0MHz
—
0.5
1.2
dB
Error Vector Magnitude
@fCarrier 2112.4 ... 2167.6MHz EVM2)
2) Error Vector Magnitude (EVM) based on definition given in 3GPP TS 25.141.
—
1.1
1.9
%
Input VSWR
2110.0
... 2155.0MHz
—
1.6
2.0
2110.0
... 2170.0MHz
—
1.6
2.0
Output VSWR
2110.0
... 2155.0MHz
—
1.6
2.0
2110.0
... 2170.0MHz
—
1.6
2.0
Attenuation
α
0.0
...
810.0MHz
35
50
—
dB
810.0
...
849.0MHz
46
50
—
dB
849.0
...
898.0MHz
35
49
—
dB
898.0
...
925.0MHz
46
49
—
dB
925.0
... 1710.0MHz
35
48
—
dB
1710.0
... 1770.0MHz
50
54
—
dB
1770.0
... 1850.0MHz
35
57
—
dB
1850.0
... 1980.0MHz
44
48
—
dB
2400.0
... 2484.0MHz
30
50
—
dB
2484.0
... 4220.0MHz
10
36
—
dB
4220.0
... 4340.0MHz
15
36
—
dB
4340.0
... 6000.0MHz
10
34
—
dB



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com