Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

B9451 Datasheet(PDF) 4 Page - EPCOS

Part # B9451
Description  SAW Rx Filter WCDMA Band I / Band IV / Band X
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B9451 Datasheet(HTML) 4 Page - EPCOS

  B9451 Datasheet HTML 1Page - EPCOS B9451 Datasheet HTML 2Page - EPCOS B9451 Datasheet HTML 3Page - EPCOS B9451 Datasheet HTML 4Page - EPCOS B9451 Datasheet HTML 5Page - EPCOS B9451 Datasheet HTML 6Page - EPCOS B9451 Datasheet HTML 7Page - EPCOS B9451 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
April 07, 2010
B9451
2140.0 MHz
Please read
cautions and warnings and
important notes at the end of this document.
SAW Components
SAW Filter
Data sheet
Annotation for characteristics section
Attenuation of WCDMA signal (“Powertransferfunction”,
α
WCDMA) is determined by
fCarrier according to 3GPP TS 25.101 (e.g. for UMTS-Passband, fCarrier ranges from 2112.4 MHz
(lowest Rx channel) to 2167.6 MHz (highest Rx channel)). HRRC(f) is the transfer function of the
root-raised cosine transmit pulse shaping filter according to 3GPP TS 25.101 with the following
normalization:
Maximum ratings
Operable temperature range T
–30/+85
˚C
Storage temperature range
Tstg
–40/+85
˚C
DC voltage
VDC
5
V
ESD voltage
VESD
1001)
1) acc. to JESD22-A115A (machine model), 1 negative & 1 positive pulse.
V
machine model, 1 pulse
Source Power
PS
15
dBm
cw signal @ 50˚C
S
s
d21 f
()H
RRC ff Carrier
–
()
2
f
d
∞
∞
∫
H
RRC f
()
2
f1
=
d
∞
∞
∫



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com