Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

B9469 Datasheet(PDF) 3 Page - EPCOS

Part # B9469
Description  SAW Diversity Rx filter WCDMA Band I/IV
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B9469 Datasheet(HTML) 3 Page - EPCOS

  B9469 Datasheet HTML 1Page - EPCOS B9469 Datasheet HTML 2Page - EPCOS B9469 Datasheet HTML 3Page - EPCOS B9469 Datasheet HTML 4Page - EPCOS B9469 Datasheet HTML 5Page - EPCOS B9469 Datasheet HTML 6Page - EPCOS B9469 Datasheet HTML 7Page - EPCOS B9469 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
November 24, 2010
B9469
2140.0 MHz
SAW Components
SAW RF Filter
Data Sheet
Please read cautions and warnings and
important notes at the end of this document.
Characteristics
Temperature range for specification:
T
= –30 ˚C to +85 ˚C
Terminating source impedance:
ZS =
50
Ω (unbalanced)
Terminating load impedance:
ZL = 100 Ω || 22 nH (balanced)
min.
typ.
@ 25 ˚C
max.
Center frequency
fC
2140.0
MHz
Maximum insertion attenuation
2110.0
... 2170.0
MHz
α
max
2.2
2.5
dB
Amplitude ripple (p-p)
∆α
2110.0
... 2170.0
MHz
0.7
1.0
dB
CMRR (|S21-S31| / |S21+S31|)
2110.0
... 2170.0
MHz
CMRR1)
1) A combination of 5
˚ phase balance and 1 dB amplitude balance corresponds to 23 dB CMRR
23
29
dB
Input VSWR
2110.0
... 2170.0
MHz
1.7
2.0
Output VSWR
2110.0
... 2170.0
MHz
1.8
2.0
Attenuation
α
0.0
... 1920.0
MHz
40
49
dB
810.0
...
849.0
MHz
50
61
dB
898.0
...
925.0
MHz
50
61
dB
1710.0
... 1755.0
MHz
46
52
dB
1920.0
... 1980.0
MHz
46
56
dB
1980.0
... 2050.0
MHz
25
39
dB
2400.0
... 2484.0
MHz
30
44
dB
2484.0
... 3000.0
MHz
35
45
dB
3000.0
... 6000.0
MHz
40
45
dB



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com