Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

B9469 Datasheet(PDF) 4 Page - EPCOS

Part # B9469
Description  SAW Diversity Rx filter WCDMA Band I/IV
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B9469 Datasheet(HTML) 4 Page - EPCOS

  B9469 Datasheet HTML 1Page - EPCOS B9469 Datasheet HTML 2Page - EPCOS B9469 Datasheet HTML 3Page - EPCOS B9469 Datasheet HTML 4Page - EPCOS B9469 Datasheet HTML 5Page - EPCOS B9469 Datasheet HTML 6Page - EPCOS B9469 Datasheet HTML 7Page - EPCOS B9469 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
November 24, 2010
B9469
2140.0 MHz
Please read cautions and warnings and
important notes at the end of this document.
SAW Components
SAW RF Filter
Data Sheet
Maximum ratings
Operable temperature range T
–30/+85
˚C
Storage temperature range
Tstg
–40/+85
˚C
DC voltage
VDC
3
V
ESD voltage
VESD
501)
1) acc. to JESD22-A115A (machine model), 10 negative & 10 positive pulses.
V
machine model, 10 pulses
Input power at
824.0 ...
849.0 MHz
880.0 ...
915.0 MHz
1710.0 ... 1755.0 MHz
1920.0 ... 1980.0 MHz
15
dBm
else where
PIN
10
dBm



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com