Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TEA1062NL-S16-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # TEA1062NL-S16-R
Description  LOW VOLTAGE TELEPHONE TRANSMISSION CIRCUIT WITH DIALLER INTERFACE
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TEA1062NL-S16-R Datasheet(HTML) 5 Page - Unisonic Technologies

  TEA1062NL-S16-R Datasheet HTML 1Page - Unisonic Technologies TEA1062NL-S16-R Datasheet HTML 2Page - Unisonic Technologies TEA1062NL-S16-R Datasheet HTML 3Page - Unisonic Technologies TEA1062NL-S16-R Datasheet HTML 4Page - Unisonic Technologies TEA1062NL-S16-R Datasheet HTML 5Page - Unisonic Technologies TEA1062NL-S16-R Datasheet HTML 6Page - Unisonic Technologies TEA1062NL-S16-R Datasheet HTML 7Page - Unisonic Technologies TEA1062NL-S16-R Datasheet HTML 8Page - Unisonic Technologies TEA1062NL-S16-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
TEA1062N/TEA1062AN
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
5 of 13
www.unisonic.com.tw
QW-R108-011.C
ELECTRICAL CHARACTERISTICS(Cont.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DUAL-TONE MULTI-FREQUENCY INPUT DTMF (PIN 11)
Input Impedance
∣
Zi∣
20.7
k
Ω
Voltage Gain From DTMF to LN
Gv
ILINE =15mA, R7=68kΩ
24
25.5
27
dB
Gain Variation With Frequency
at f=300Hz and f=3400Hz
ΔGvf
w.r.t.800Hz
±
0.2
dB
Gain Variation With Temperature
at -25
°C and +75°C
ΔGvT
w.r.t.25
°C, ILINE =50mA
±
0.2
dB
GAIN ADJUSTMENT GAS1 AND GAS2 (PINS 2 AND 3)
Gain Variation Of The Ransmitting
Amplifier By Varying R7 Between
GAS1 And GAS2
ΔGv
-8
0
dB
ILINE =15mA, THD=10%
1.7
2.3
V
Sending Amplifier Output LN (pin 1)
Output Voltage
VLN(rms)
ILINE =4mA, THD=10%
0.8
V
Noise Output Voltage
VNO(rms)
ILINE =15mA; R7=68kΩ; 200Ω
between MIC- and MIC+;
psophometrically weighted
-69
dBmp
RECEIVING AMPLIFIER INPUT IR (PIN 10)
Input Impedance
∣
Zi∣
21
k
Ω
RECEIVING AMPLIFIER OUTPUT QR (PIN 4)
∣
ZO∣
4
Ω
Output Impedance
Voltage Gain From IR To QR
Gv
ILINE =15mA; RL(from pin 9 to pin
4 )=300
Ω
29.5
31
32.5
dB
Gain Variation With Frequency
at f=300Hz and f=3400Hz
ΔGvf
w.r.t.800Hz
±0.2
dB
Gain Variation With Temperature
at-25
°C and +75°C
ΔGvT
w.r.t.25
°C without R6 ILINE =50mA
±0.2
dB
RL=150
Ω
0.22
0.33
V
THD=2%
sinwave drive,
Ip=0mA, R4=100k
Ω;
ILINE =15mA
RL=450
Ω
0.3
0.48
V
Output Voltage
THD=10%
VO(rms)
R4=100k
Ω
ILINE =4mA
RL=150
Ω
15
mV
Noise Output Voltage
VNO(rms)
ILINE=15mA, R4=100kΩ, IR open –
circuit psophometrically weighted
RL=300
Ω
50
μV
GAIN ADJUSTMENT GAR (PIN 5)
Gain Variation Of Receiving
Amplifier Achievable By
Varying R4 Between GAR And QR
ΔGv
-11
0
dB
MUTE INPUT (PIN 12)
Input Voltage(HIGH)
VIH
1.5
VCC
V
Input Voltage(LOW)
VIL
0.3
V
Input Current
IMUTE
8
15
μA
REDUCTION OF GAIN
TEA1062N
MUTE=HIGH
MIC+ Or MIC- To LN
TEA1062AN
ΔGv
MUTE=LOW
70
dB
Voltage Gain From DTMF To QR
Gv
R4=100k
Ω, RL=300Ω
-19
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com