Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TEA1062NL-S16-R Datasheet(PDF) 8 Page - Unisonic Technologies

Part # TEA1062NL-S16-R
Description  LOW VOLTAGE TELEPHONE TRANSMISSION CIRCUIT WITH DIALLER INTERFACE
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TEA1062NL-S16-R Datasheet(HTML) 8 Page - Unisonic Technologies

Back Button TEA1062NL-S16-R Datasheet HTML 4Page - Unisonic Technologies TEA1062NL-S16-R Datasheet HTML 5Page - Unisonic Technologies TEA1062NL-S16-R Datasheet HTML 6Page - Unisonic Technologies TEA1062NL-S16-R Datasheet HTML 7Page - Unisonic Technologies TEA1062NL-S16-R Datasheet HTML 8Page - Unisonic Technologies TEA1062NL-S16-R Datasheet HTML 9Page - Unisonic Technologies TEA1062NL-S16-R Datasheet HTML 10Page - Unisonic Technologies TEA1062NL-S16-R Datasheet HTML 11Page - Unisonic Technologies TEA1062NL-S16-R Datasheet HTML 12Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
TEA1062N/TEA1062AN
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
8 of 13
www.unisonic.com.tw
QW-R108-011.C
FUNCTIONAL DESCRIPTION(Cont.)
RECEIVING AMPLIFIER (IR,QR AND GAR)
The receiving amplifier has one input (IR) and a non-inverting output (QR). Earpiece arrangements are illustrated
in Fig.11. The IR to QR gain is typically 31dB (when R4=100k
Ω). It can be adjusted between 20 and 31dB to match
the sensitivity of the transducer in use. The gain is set with the value of R4 which is connected between GAR and
QR. The overall receive gain, between LN and QR, is calculated by subtracting the anti-sidetone network attenuation
(32dB) from the amplifier gain. Two external capacitors, C4 and C7, ensure stability. C4 is normally 100pF and C7
is 10 times the value of C4. The value of C4 may be increased to obtain a first-order low-pass filter. The cut-off
frequency will depend on the time constant R4*C4. The output voltage of the receiving amplifier is specified for
continuous-wave drive. The maximum output voltage will be higher under speech conditions where the peak to RMS
ratio is higher.
AUTOMATIC GAIN CONTROL INPUT (AGC)
Automatic line loss compensation is achieved by connecting a resistor(R6) between AGC and VEE. The automatic
gain control varies the gain of the microphone amplifier and the receiving amplifier in accordance with the DC line
current. The control range is 5.8dB which corresponds to a line length of 5km for a 0.5mm diameter twisted pair
copper cable with a DC resistance of 176
Ω/km and average attenuation of 1.2dB/km. Resistor R6 should be chosen
in accordance with the exchange supply voltage and its feeding bridge resistance(see Fig.12 and Table 1). The ratio
of start and stop currents of the AGC curve is independent of the value of R6. If no automatic line loss compensation
is required the AGC may be left open-circuit. The amplifier, in this condition, will give their maximum specified gain.
SIDE-TONE SUPPRESSION
The anti-sidetone network, R1//ZLINE, R2, R3, R8, R9 and ZBAL, (see Fig.4) suppresses the transmitted signal in the
earpiece. Compensation is maximum when the following conditions are fulfilled:
If fixed values are chosen for R1, R2, R3 and R9 then condition(a) will always be fulfilled when ︱R8//ZBAL︱<<R3.
To obtain optimum side-tone suppression condition(b) has to be fulfilled which results in:
ZBAL=(R8/R1) ZLINE =k*ZLINE where k is a scale factor;
K=(R8/R1).
The scale factor (k), dependent on the value of R8, is chosen to meet following criteria:
(a) Compatibility with a standard capacitor from the
E6 or E12 range for ZBAL,
(b) ︱ZBAL//R8︱<<R3 fulfilling condition (a) and thus ensuring correct anti-sidetone bridge operation,
(c) ︱ZBAL+R8︱>>R9 to avoid influencing the trans-mitter gain.
In practice ZLINE varies considerably with the type and length. The value chosen for ZBAL should therefore be for an
average line length thus giving optimum setting for short or long lines.
EXAMPLE:
The balance impedance ZBAL at which the optimum suppression is present can be calculated by: Suppose ZILINE =
210
Ω+(1265Ω//140nF) representing a 5km line of 0.5 mm diameter, copper, twisted pair cable matched to
600
Ω(176Ω/km;38nF/km). When k=0.64 then R8=390Ω, ZBAL=130Ω+(820Ω//220nF).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com