Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UC3500L-XX-AB3-R Datasheet(PDF) 7 Page - Unisonic Technologies

Part # UC3500L-XX-AB3-R
Description  HIGH EFFICIENCY VFM CONTROLLED STEP-UP DC/DC CONVERTER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UC3500L-XX-AB3-R Datasheet(HTML) 7 Page - Unisonic Technologies

Back Button UC3500L-XX-AB3-R Datasheet HTML 3Page - Unisonic Technologies UC3500L-XX-AB3-R Datasheet HTML 4Page - Unisonic Technologies UC3500L-XX-AB3-R Datasheet HTML 5Page - Unisonic Technologies UC3500L-XX-AB3-R Datasheet HTML 6Page - Unisonic Technologies UC3500L-XX-AB3-R Datasheet HTML 7Page - Unisonic Technologies UC3500L-XX-AB3-R Datasheet HTML 8Page - Unisonic Technologies UC3500L-XX-AB3-R Datasheet HTML 9Page - Unisonic Technologies UC3500L-XX-AB3-R Datasheet HTML 10Page - Unisonic Technologies UC3500L-XX-AB3-R Datasheet HTML 11Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
UC3500
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
7 of 12
www.unisonic.com.tw
QW-R502-072.D
PRINCIPLE OF OPERATION
The UTC UC3500 consists of a Band-Gap reference voltage source, error amplifier, VFM control logic core,
oscillator, VLX limiter amplifier, N-channel MOSFET switching transistor and output voltage divider network.
The device compares the Band-Gap reference voltage with the feedback voltage from the output through divider
network. In TON phase, the energy is transferred from the battery to the inductor. The switch is turned off after a
maximum on time set to 2.5µs. In TOFF phase, the energy stored in the inductor is transferred to the load. This
process is continuously performed to ensure stable output voltage. Until the output voltage reaches the expected
value.
Therefore, in case of light load, the device works in PFM mode. In heavy load condition, the device works in
continuous mode, the frequency range up to a maximum 150 KHz set by the built in oscillator. In over current
conditions, the Ton time is shorted; the switching frequency will be higher than 150 KHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com