Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UC3500L-XX-AB3-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UC3500L-XX-AB3-R
Description  HIGH EFFICIENCY VFM CONTROLLED STEP-UP DC/DC CONVERTER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UC3500L-XX-AB3-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UC3500L-XX-AB3-R Datasheet HTML 1Page - Unisonic Technologies UC3500L-XX-AB3-R Datasheet HTML 2Page - Unisonic Technologies UC3500L-XX-AB3-R Datasheet HTML 3Page - Unisonic Technologies UC3500L-XX-AB3-R Datasheet HTML 4Page - Unisonic Technologies UC3500L-XX-AB3-R Datasheet HTML 5Page - Unisonic Technologies UC3500L-XX-AB3-R Datasheet HTML 6Page - Unisonic Technologies UC3500L-XX-AB3-R Datasheet HTML 7Page - Unisonic Technologies UC3500L-XX-AB3-R Datasheet HTML 8Page - Unisonic Technologies UC3500L-XX-AB3-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UC3500
CMOS IC
HIGH EFFICIENCY VFM
CONTROLLED STEP-UP
DC/DC CONVERTER
DESCRIPTION
The UTC UC3500 Step-up DC/DC converters are optimized
for applications that prioritize high efficiency and high frequency.
The efficiency is greatly improved by utilizing an internal VFM
controlled scheme that switches with fixed frequency and is
adjustable up to more than 150 KHz depending on the load.
The UTC UC3500 requires only three external components
to realize the conversion from the battery voltage to the selected
output voltage in the range of 2.5V ~ 5.5V.
The start-up voltage of UTC UC3500 is guaranteed at 0.8V
and the device is operating down to 0.5V. The Output current is
guaranteed up to 150mA, while quiescent current is only 18μA.
FEATURES
* 0.8V start-up voltage
* 0.5V hold-on voltage
* Output current up to 150mA
* Low supply current of 18μA
* Wide output voltage range of 2.5V~5.5V
* Output voltage accuracy ±2%
* High efficiency up to 88%
* Low profile and minimum external components
ORDERING INFORMATION
Ordering Number
Lead Free
Halogen Free
Package
Packing
UC3500L-xx-AB3-R
UC3500G-xx-AB3-R
SOT-89
Tape Reel
UC3500L-xx-AE3-R
UC3500G-xx-AE3-R
SOT-23
Tape Reel
UC3500L-xx-AF5-R
UC3500G-xx-AF5-R
SOT-25
Tape Reel
www.unisonic.com.tw
1 of 12
Copyright © 2009 Unisonic Technologies Co., Ltd
QW-R502-072,D


Similar Part No. - UC3500L-XX-AB3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UC3500L-XX-AB3-R UTC-UC3500L-XX-AB3-R Datasheet
404Kb / 11P
HIGH EFFICIENCY VFM CONTROLLED STEP-UP DC/DC CONVERTER
More results

Similar Description - UC3500L-XX-AB3-R

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RH5RI301B RICOH-RH5RI301B Datasheet
179Kb / 24P
VFM STEP-UP DC/DC CONVERTER?
RN5RY202 RICOH-RN5RY202 Datasheet
59Kb / 9P
VFM STEP-UP DC/DC CONVERTER CONTROLLER
RH5RIXX1B RICOH-RH5RIXX1B Datasheet
178Kb / 24P
VFM STEP-UP DC/DC CONVERTER
logo
Richtek Technology Corp...
RT9261 RICHTEK-RT9261 Datasheet
219Kb / 14P
VFM Step-up DC/DC Converter
RT9261B RICHTEK-RT9261B Datasheet
193Kb / 10P
VFM Step-up DC/DC Converter
logo
Unisonic Technologies
UC3500 UTC-UC3500 Datasheet
143Kb / 9P
HIGH EFFICIENCY VFM CONTROLLED STEP-UP DC/DC CONVERTER
logo
Richtek Technology Corp...
RT9261 RICHTEK-RT9261_07 Datasheet
153Kb / 12P
VFM Step-Up DC/DC Converter
RT9261B RICHTEK-RT9261B_07 Datasheet
127Kb / 8P
VFM Step-Up DC/DC Converter
logo
Unisonic Technologies
UC3500 UTC-UC3500_12 Datasheet
404Kb / 11P
HIGH EFFICIENCY VFM CONTROLLED STEP-UP DC/DC CONVERTER
logo
Advanced Power Electron...
APE2901 A-POWER-APE2901 Datasheet
371Kb / 10P
MICROPOWER VFM STEP-UP DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com