Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UC3666G-B10-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # UC3666G-B10-R
Description  DUAL CHANNEL 800mA HIGH EFFICIENCY STEP-DOWN DC/DC CONVERTER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UC3666G-B10-R Datasheet(HTML) 2 Page - Unisonic Technologies

  UC3666G-B10-R Datasheet HTML 1Page - Unisonic Technologies UC3666G-B10-R Datasheet HTML 2Page - Unisonic Technologies UC3666G-B10-R Datasheet HTML 3Page - Unisonic Technologies UC3666G-B10-R Datasheet HTML 4Page - Unisonic Technologies UC3666G-B10-R Datasheet HTML 5Page - Unisonic Technologies UC3666G-B10-R Datasheet HTML 6Page - Unisonic Technologies UC3666G-B10-R Datasheet HTML 7Page - Unisonic Technologies UC3666G-B10-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
UC3666
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
2 of 8
www.unisonic.com.tw
QW-R502-489.a
PIN CONFIGURATION
1
EN1
Top View
2
3
4
56
7
8
9
10
FB1
VIN2
GND2
SW2
EN2
FB2
VIN1
GND1
SW1
Exposed Pad
On Backside
PIN DESCRIPTION
PIN NO.
PIN NAME
DESCRIPTION
1
EN1
Channel 1 Regulator Enable Control Input Pin. Drive EN1 above 1.5V to turn on
channel1.
Drive EN1 below 0.3V to turn it off (shutdown current < 0.1uA).
2
FB1
Channel 1 Voltage Feedback Pin
3
VIN2
Channel 2 Supply Pin
4
GND2
Channel 2 Ground Pin
5
SW2
Channel 2 Power Switch Output
6
EN2
Channel 2 Regulator Enable Control Input Pin. Drive EN2 above 1.5V to turn on
channel2.
Drive EN2 below 0.3V to turn it off (shutdown current < 0.1uA).
7
FB2
Channel 2 Voltage Feedback Pin
8
VIN1
Channel 1 Supply Pin
9
GND1
Channel 1 Ground Pin
10
SW1
Channel 1 Power Switch Output



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com