Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UC3666G-B10-R Datasheet(PDF) 7 Page - Unisonic Technologies

Part # UC3666G-B10-R
Description  DUAL CHANNEL 800mA HIGH EFFICIENCY STEP-DOWN DC/DC CONVERTER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UC3666G-B10-R Datasheet(HTML) 7 Page - Unisonic Technologies

  UC3666G-B10-R Datasheet HTML 1Page - Unisonic Technologies UC3666G-B10-R Datasheet HTML 2Page - Unisonic Technologies UC3666G-B10-R Datasheet HTML 3Page - Unisonic Technologies UC3666G-B10-R Datasheet HTML 4Page - Unisonic Technologies UC3666G-B10-R Datasheet HTML 5Page - Unisonic Technologies UC3666G-B10-R Datasheet HTML 6Page - Unisonic Technologies UC3666G-B10-R Datasheet HTML 7Page - Unisonic Technologies UC3666G-B10-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
UC3666
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
7 of 8
www.unisonic.com.tw
QW-R502-489.a
Soft Start/Enable
Soft start limits the current surge seen at the input and eliminates output voltage overshoot. The enable pin is
active high. When pulled low, the enable input (EN) forces the UTC UC3666 into a low-power, non-switching state.
The total input current during shutdown is less than 1µA.
Over-temperature
Thermal protection completely disables switching when internal dissipation becomes excessive. The junction
over-temperature threshold is 145℃ with 10℃ of hysteresis. Once an over-temperature condition is removed, the
output voltage automatically recovers.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com