Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PTS125JM43LFS Datasheet(PDF) 2 Page - C&K Components

Part # PTS125JM43LFS
Description  12 mm Tact Switches
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

PTS125JM43LFS Datasheet(HTML) 2 Page - C&K Components

  PTS125JM43LFS Datasheet HTML 1Page - C&K Components PTS125JM43LFS Datasheet HTML 2Page - C&K Components PTS125JM43LFS Datasheet HTML 3Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
B–73
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ck-components.com
B
PTS125 Series
12 mm Tact Switches
7,3 (.287)
ø3,0
(.118)
ø3,8
(.150)
S THRU-HOLE
1,0 TYP.
(.039)
3,5
(.138)
5,0
(.197)
13,8
(.543)
12,5
(.492)
PCB LAYOUT
SERIES
TERMINATION
3,10 TYP.
(.122)
0,75 TYP.
(.030)
2,2 TYP.
(.087)
3,20
(.126)
7,0
(.275)
1,78 TYP.
(.070)
10,5
(.413)
0,75 TYP.
(.030)
5,0
(.197)
1,7 TYP.
(.067)
1,0 x 0,3 TYP.
(.039 x .012)
PCB LAYOUT
V VERTICAL
1,0 TYP.
(.039)
3,5
(.138)
DIM 'H'
3,5
(.138)
12,0 SQ.
(.472)
5,0
(.197)
ø3,0
(.118)
ø3,8
(.150)
3,10 TYP.
(.122)
0,75 TYP.
(.030)
6,2
(.244)
14,90
(.587)
2,2 TYP.
(.087)
3,20
(.126)
7,0
(.275)
10,3
(.406)
3,0 SQ.
(.118)
1,78 TYP.
(.070)
3,8 SQ.
(.150)
7,50
(.295)
13,3
(.524)
10,5
(.413)
0,75 TYP.
(.030)
5,0
(.197)
3,0
(.118)
5,1 TYP.
(.201)
1,7 TYP.
(.067)
1,0 x 0,3 TYP.
(.039 x .012)
ACTUATOR SHAPE
DIM 'H'
ø7,0
(.276)
NONE ROUND
J SNAP-FIT CAP
DIM 'H'
ø4,0
(.158)
1,2
(.047)
ø7,0
(.276)
ø1,22 TYP.
(.048)
4,98
(.196)
ø3,51 TYP.
(.138)
3,20 TYP.
(.126)
11,53
(.454)
ø1,2 TYP.
(.047)
12,5
(.492)
5,0
(.197)
43 and 85 heights only
12 height only
73 height only



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com