Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PTS125JM43LFS Datasheet(PDF) 3 Page - C&K Components

Part # PTS125JM43LFS
Description  12 mm Tact Switches
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

PTS125JM43LFS Datasheet(HTML) 3 Page - C&K Components

  PTS125JM43LFS Datasheet HTML 1Page - C&K Components PTS125JM43LFS Datasheet HTML 2Page - C&K Components PTS125JM43LFS Datasheet HTML 3Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
B–74
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ck-components.com
B
PTS125 Series
12 mm Tact Switches
ACTUATION FORCE
OPTION
CODE
FORCE
M
160 grams
K
260 grams
ACTUATOR HEIGHT
8,5
(.335)
7,3
(.2870
12,0
(.472)
43 4,3 mm
73 7,3 mm SNAP-FIT
85 8,5 mm
12 12 mm



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com