Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ACT4050 Datasheet(PDF) 1 Page - Active-Semi, Inc

Part # ACT4050
Description  Wide Input 3.5A Step Down Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT4050 Datasheet(HTML) 1 Page - Active-Semi, Inc

  ACT4050 Datasheet HTML 1Page - Active-Semi, Inc ACT4050 Datasheet HTML 2Page - Active-Semi, Inc ACT4050 Datasheet HTML 3Page - Active-Semi, Inc ACT4050 Datasheet HTML 4Page - Active-Semi, Inc ACT4050 Datasheet HTML 5Page - Active-Semi, Inc ACT4050 Datasheet HTML 6Page - Active-Semi, Inc ACT4050 Datasheet HTML 7Page - Active-Semi, Inc ACT4050 Datasheet HTML 8Page - Active-Semi, Inc ACT4050 Datasheet HTML 9Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
- 1 -
www.active-semi.com
Copyright © 2011 Active-Semi, Inc.
Innovative Power
TM
TYPICAL APPLICATION CIRCUIT
ACT4050
Wide Input 3.5A Step Down Converter
Active-Semi
Rev 2, 01-Jul-11
FEATURES
3.5A Output Current
Up to 96% Efficiency
4.5V to 15V Input Range
12µA Shutdown Supply Current
400kHz Switching Frequency
Adjustable Output Voltage From 0.817V
Cycle-by-Cycle Current Limit Protection
Thermal Shutdown Protection
Frequency Fold-Back at Short Circuit
Stability with Wide Range of Capacitors,
Including Low ESR Ceramic Capacitors
SOP-8/EP (Exposed Pad) Package
APPLICATIONS
Digital TV
Portable DVDs
Car-Powered or Battery-Powered Equipments
Set-Top Boxes
Telecom Power Supplies
Consumer Electronics
GENERAL DESCRIPTION
The ACT4050 is a current-mode step-down DC/DC
converter that provides up to 3.5A of output current
at 400kHz switching frequency. The device utilizes
Active-Semi’s proprietary high voltage process for
operation with input voltages up to 15V.
The ACT4050 provides fast transient response and
eases loop stabilization while providing excellent
line and load regulation. This device features a very
low ON-resistance power MOSFET which provides
peak operating efficiency up to 96%. In shutdown
mode, the ACT4050 consumes only 12μA of supply
current.
This device also integrates protection features
including cycle-by-cycle current limit, thermal
shutdown and frequency fold-back at short circuit.
The ACT4050 is available in a SOP-8/EP (Exposed
Pad) package and requires very few external
devices for operation.
Efficiency vs. Load Current
Load Current (mA)
0
500
1000
1500
2000
2500
3000
3500
100
90
80
70
60
50
VOUT = 5V
VIN = 7V
VIN = 12V


Similar Part No. - ACT4050

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ACT4012 ETC2-ACT4012 Datasheet
249Kb / 9P
Wide Input 2A Step Down Converter
logo
Active-Semi, Inc
ACT4012A ACTIVE-SEMI-ACT4012A Datasheet
345Kb / 10P
Wide Input 1.5A Step Down Converter
Rev PrA, 21-Nov-07
ACT4012A ACTIVE-SEMI-ACT4012A Datasheet
299Kb / 10P
Wide Input 1.5A Step Down Converter
Rev0, 16-May-08
ACT4012ASH ACTIVE-SEMI-ACT4012ASH Datasheet
345Kb / 10P
Wide Input 1.5A Step Down Converter
Rev PrA, 21-Nov-07
ACT4012ASH ACTIVE-SEMI-ACT4012ASH Datasheet
299Kb / 10P
Wide Input 1.5A Step Down Converter
Rev0, 16-May-08
More results

Similar Description - ACT4050

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT4070 ACTIVE-SEMI-ACT4070 Datasheet
590Kb / 10P
Wide Input 3A Step Down Converter
Rev 0, 12/2006
ACT4012A ACTIVE-SEMI-ACT4012A Datasheet
345Kb / 10P
Wide Input 1.5A Step Down Converter
Rev PrA, 21-Nov-07
ACT4060 ACTIVE-SEMI-ACT4060 Datasheet
355Kb / 9P
Wide Input 2A Step Down Converter
Rev8, 24-Jul-07
ACT4075 ACTIVE-SEMI-ACT4075 Datasheet
704Kb / 10P
Wide Input 2.5A Step Down Converter
Rev PrA, 13-Aug-07
logo
FOSLINK SEMICONDUCTOR C...
FSP3128 FOSLINK-FSP3128 Datasheet
361Kb / 10P
WIDE INPUT 3A STEP-DOWN CONVERTER
logo
Active-Semi, Inc
ACT4060A ACTIVE-SEMI-ACT4060A Datasheet
259Kb / 11P
Wide Input 2A Step Down Converter
Rev 0, 28-Apr-09
logo
Champion Microelectroni...
CM2500 CHAMP-CM2500 Datasheet
223Kb / 11P
WIDE INPUT 2A STEP DOWN CONVERTER
logo
Active-Semi, Inc
ACT4060A_0906 ACTIVE-SEMI-ACT4060A_0906 Datasheet
257Kb / 12P
Wide Input 2A Step Down Converter
Rev 1, 25-Jun-09
ACT4070 ACTIVE-SEMI-ACT4070_11 Datasheet
388Kb / 11P
Wide Input 3A Step Down Converter
Rev 2, 16-Sep-11
ACT4070B ACTIVE-SEMI-ACT4070B Datasheet
303Kb / 9P
Wide Input 3A Step Down Converter
Rev 0, 23-Apr-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com