Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SAM9G45 Datasheet(PDF) 39 Page - ATMEL Corporation

Part # SAM9G45
Description  ARM-based Embedded MPU
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

SAM9G45 Datasheet(HTML) 39 Page - ATMEL Corporation

Back Button SAM9G45 Datasheet HTML 35Page - ATMEL Corporation SAM9G45 Datasheet HTML 36Page - ATMEL Corporation SAM9G45 Datasheet HTML 37Page - ATMEL Corporation SAM9G45 Datasheet HTML 38Page - ATMEL Corporation SAM9G45 Datasheet HTML 39Page - ATMEL Corporation SAM9G45 Datasheet HTML 40Page - ATMEL Corporation SAM9G45 Datasheet HTML 41Page - ATMEL Corporation SAM9G45 Datasheet HTML 42Page - ATMEL Corporation SAM9G45 Datasheet HTML 43Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 55 page
background image
39
6438GS–ATARM–13-Jul-11
SAM9G45
9.
Peripherals
9.1
Peripheral Mapping
As shown in Figure 7-1, the Peripherals are mapped in the upper 256 Mbytes of the address
space between the addresses 0xFFF7 8000 and 0xFFFC FFFF.
Each User Peripheral is allocated 16K bytes of address space.
9.2
Peripheral Identifiers
Table 9-1 defines the Peripheral Identifiers of the SAM9G45. A peripheral identifier is required
for the control of the peripheral interrupt with the Advanced Interrupt Controller and for the con-
trol of the peripheral clock with the Power Management Controller.
Table 9-1.
SAM9G45 Peripheral Identifiers
Peripheral ID
Peripheral Mnemonic
Peripheral Name
External Interrupt
0AIC
Advanced Interrupt Controller
FIQ
1SYSC
System Controller Interrupt
2PIOA
Parallel I/O Controller A,
3
PIOB
Parallel I/O Controller B
4
PIOC
Parallel I/O Controller C
5
PIOD/PIOE
Parallel I/O Controller D/E
6
TRNG
True Random Number Generator
7US0
USART 0
8US1
USART 1
9US2
USART 2
10
US3
USART 3
11
MCI0
High Speed Multimedia Card Interface 0
12
TWI0
Two-Wire Interface 0
13
TWI1
Two-Wire Interface 1
14
SPI0
Serial Peripheral Interface
15
SPI1
Serial Peripheral Interface
16
SSC0
Synchronous Serial Controller 0
17
SSC1
Synchronous Serial Controller 1
18
TC0..TC5
Timer Counter 0,1,2,3,4,5
19
PWM
Pulse Width Modulation Controller
20
TSADCC
Touch Screen ADC Controller
21
DMA
DMA Controller
22
UHPHS
USB Host High Speed
23
LCDC
LCD Controller
24
AC97C
AC97 Controller
25
EMAC
Ethernet MAC
26
ISI
Image Sensor Interface
27
UDPHS
USB Device High Speed
29
MCI1
High Speed Multimedia Card Interface 1
30
Reserved
31
AIC
Advanced Interrupt Controller
IRQ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com