Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SAM9G45 Datasheet(PDF) 49 Page - ATMEL Corporation

Part # SAM9G45
Description  ARM-based Embedded MPU
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

SAM9G45 Datasheet(HTML) 49 Page - ATMEL Corporation

Back Button SAM9G45 Datasheet HTML 45Page - ATMEL Corporation SAM9G45 Datasheet HTML 46Page - ATMEL Corporation SAM9G45 Datasheet HTML 47Page - ATMEL Corporation SAM9G45 Datasheet HTML 48Page - ATMEL Corporation SAM9G45 Datasheet HTML 49Page - ATMEL Corporation SAM9G45 Datasheet HTML 50Page - ATMEL Corporation SAM9G45 Datasheet HTML 51Page - ATMEL Corporation SAM9G45 Datasheet HTML 52Page - ATMEL Corporation SAM9G45 Datasheet HTML 53Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 55 page
background image
49
6438GS–ATARM–13-Jul-11
SAM9G45
• Embedded 4-KByte dual-port RAM for endpoints
• Embedded 6 channels DMA controller
• Suspend/Resume logic
• Up to 2 or 3 banks for isochronous and bulk endpoints
• Seven endpoints:
– Endpoint 0: 64 bytes, 1 bank mode
– Endpoint 1 & 2: 1024 bytes, 2 banks mode, High Bandwidth, DMA
– Endpoint 3 & 4: 1024 bytes, 3 banks mode, DMA
– Endpoint 5 & 6: 1024 bytes, 3 banks mode, High Bandwidth, DMA
10.11 LCD Controller (LCDC)
• Single and Dual scan color and monochrome passive STN LCD panels supported
• Single scan active TFT LCD panels supported.
• 4-bit single scan, 8-bit single or dual scan, 16-bit dual scan STN interfaces supported
• Up to 24-bit single scan TFT interfaces supported
• Up to 16 gray levels for mono STN and up to 4096 colors for color STN displays
• 1, 2 bits per pixel (palletized), 4 bits per pixel (non-palletized) for mono STN
• 1, 2, 4, 8 bits per pixel (palletized), 16 bits per pixel (non-palletized) for color STN
• 1, 2, 4, 8 bits per pixel (palletized), 16, 24 bits per pixel (non-palletized) for TFT
• Single clock domain architecture
• Resolution supported up to 2048 x 2048
10.12 Touch Screen Analog-to-Digital Converter (TSADC)
• 8-channel ADC
• Support 4-wire resistive Touch Screen
• 10-bit 384 Ksamples/sec. Successive Approximation Register ADC
• -3/+3 LSB Integral Non Linearity, -2/+2 LSB Differential Non Linearity
• Integrated 8-to-1 multiplexer, offering eight independent 3.3V analog inputs
• External voltage reference for better accuracy on low voltage inputs
• Individual enable and disable of each channel
• Multiple trigger sources
– Hardware or software trigger
– External trigger pin
• Sleep Mode and conversion sequencer
– Automatic wakeup on trigger and back to sleep mode after conversions of all
enabled channels
10.13 Ethernet 10/100 MAC (EMAC)
• Compatibility with IEEE Standard 802.3
• 10 and 100 MBits per second data throughput capability
• Full- and half-duplex operations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com