Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LPC1850_1109 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # LPC1850_1109
Description  32-bit ARM Cortex-M3 MCU; up to 200 kB SRAM; Ethernet, two High-speed USB, LCD, and external memory controller
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC1850_1109 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button LPC1850_1109 Datasheet HTML 17Page - NXP Semiconductors LPC1850_1109 Datasheet HTML 18Page - NXP Semiconductors LPC1850_1109 Datasheet HTML 19Page - NXP Semiconductors LPC1850_1109 Datasheet HTML 20Page - NXP Semiconductors LPC1850_1109 Datasheet HTML 21Page - NXP Semiconductors LPC1850_1109 Datasheet HTML 22Page - NXP Semiconductors LPC1850_1109 Datasheet HTML 23Page - NXP Semiconductors LPC1850_1109 Datasheet HTML 24Page - NXP Semiconductors LPC1850_1109 Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 142 page
background image
LPC1850_30_20_10
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Preliminary data sheet
Rev. 2.2 — 9 September 2011
21 of 142
NXP Semiconductors
LPC1850/30/20/10
32-bit ARM Cortex-M3 microcontroller
P3_7
C11
x
D7
x
123
86
[3]
I; PU -
R — Function reserved.
-
R — Function reserved.
I/O
SSP0_MISO — Master In Slave Out for SSP0.
I/O
SPIFI_MOSI — Input 0 in SPIFI quad mode; SPIFI
output IO0.
I/O
GPIO5[10] — General purpose digital input/output pin.
I/O
SSP0_MOSI — Master Out Slave in for SSP0.
-
R — Function reserved.
-
R — Function reserved.
P3_8
C10
x
E7
x
124
87
[3]
I; PU -
R — Function reserved.
-
R — Function reserved.
I/O
SSP0_MOSI — Master Out Slave in for SSP0.
I/O
SPIFI_CS — SPIFI serial flash chip select.
I/O
GPIO5[11] — General purpose digital input/output pin.
I/O
SSP0_SSEL — Slave Select for SSP0.
-
R — Function reserved.
-
R — Function reserved.
P4_0
D5
x
-
x
1
-
[3]
I; PU I/O
GPIO2[0] — General purpose digital input/output pin.
O
MCOA0 — Motor control PWM channel 0, output A.
I
NMI — External interrupt input to NMI.
-
R — Function reserved.
-
R — Function reserved.
O
LCD_VD13 — LCD data.
I/O
U3_UCLK — Serial clock input/output for USART3 in
synchronous mode.
-
R — Function reserved.
P4_1
A1
x
-
x
3
-
[6]
I; PU I/O
GPIO2[1] — General purpose digital input/output pin.
O
CTOUT_1 — SCT output 1. Match output 1 of timer 0.
O
LCD_VD0 — LCD data.
-
R — Function reserved.
-
R — Function reserved.
O
LCD_VD19 — LCD data.
O
U3_TXD — Transmitter output for USART3.
I
ENET_COL — Ethernet Collision detect (MII
interface).
I
ADC0_1 — ADC0, input channel 1.
Table 3.
Pin description …continued
LCD, Ethernet, USB0, and USB1 functions are not available on all parts. See Table 2.
Symbol
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com