Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LPC1850_1109 Datasheet(PDF) 81 Page - NXP Semiconductors

Part # LPC1850_1109
Description  32-bit ARM Cortex-M3 MCU; up to 200 kB SRAM; Ethernet, two High-speed USB, LCD, and external memory controller
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC1850_1109 Datasheet(HTML) 81 Page - NXP Semiconductors

Back Button LPC1850_1109 Datasheet HTML 77Page - NXP Semiconductors LPC1850_1109 Datasheet HTML 78Page - NXP Semiconductors LPC1850_1109 Datasheet HTML 79Page - NXP Semiconductors LPC1850_1109 Datasheet HTML 80Page - NXP Semiconductors LPC1850_1109 Datasheet HTML 81Page - NXP Semiconductors LPC1850_1109 Datasheet HTML 82Page - NXP Semiconductors LPC1850_1109 Datasheet HTML 83Page - NXP Semiconductors LPC1850_1109 Datasheet HTML 84Page - NXP Semiconductors LPC1850_1109 Datasheet HTML 85Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 142 page
background image
LPC1850_30_20_10
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Preliminary data sheet
Rev. 2.2 — 9 September 2011
81 of 142
NXP Semiconductors
LPC1850/30/20/10
32-bit ARM Cortex-M3 microcontroller
7.18.7 System PLL1
The PLL1 accepts an input clock frequency from an external oscillator in the range of
10 MHz to 25 MHz. The input frequency is multiplied up to a high frequency with a Current
Controlled Oscillator (CCO). The multiplier can be an integer value from 1 to 32. The CCO
operates in the range of 156 MHz to 320 MHz, so there is an additional divider in the loop
to keep the CCO within its frequency range while the PLL is providing the desired output
frequency. The output divider may be set to divide by 2, 4, 8, or 16 to produce the output
clock. Since the minimum output divider value is 2, it is insured that the PLL output has a
50 % duty cycle. The PLL is turned off and bypassed following a chip reset and may be
enabled by software. The program must configure and activate the PLL, wait for the PLL
to lock, and then connect to the PLL as a clock source. The PLL settling time is 100
s.
7.18.8 Reset Generation Unit (RGU)
The RGU allows generation of independent reset signals for individual blocks and
peripherals.
7.18.9 Power control
The LPC1850/30/20/10 feature several independent power domains to control power to
the core and the peripherals (see Figure 11). The RTC and its associated peripherals (the
alarm timer, the CREG block, the OTP controller, the back-up registers, and the event
router) are located in the RTC power-domain which can be powered by a battery supply or
the main regulator. A power selector switch ensures that the RTC block is always powered
on.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com