Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC922 Datasheet(PDF) 2 Page - Sharp Corporation

Part # PC922
Description  High Power OPIC Photocoupler
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC922 Datasheet(HTML) 2 Page - Sharp Corporation

  PC922 Datasheet HTML 1Page - Sharp Corporation PC922 Datasheet HTML 2Page - Sharp Corporation PC922 Datasheet HTML 3Page - Sharp Corporation PC922 Datasheet HTML 4Page - Sharp Corporation PC922 Datasheet HTML 5Page - Sharp Corporation PC922 Datasheet HTML 6Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
PC922
s Truth Table
Input
O2 Output
Tr. 1
Tr. 2
ON
High level
ON
OFF
OFF
Low level
OFF
ON
*5 I FLH
( Ta = T opr unless otherwise specified )
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Fig.
Input
V F1
T a = 25˚C, I F = 5mA
-
1.1
1.4
V
-
V F2
T a = 25˚C, I F = 0.2mA
0.6
0.9
-
V
-
Reverse current
IR
T a = 25˚C, V R =3V
--
10
µ A
-
Terminal capacitance
Ct
T a = 25˚C, V = 0, f = 1kHz
-
30
250
p
F
-
Output
Operating supply voltage
V CC
5.4
-
13
V
-
O1 low level output voltage
V O1L
VCC = 6V, I O1 = 0.4A,
RL2 = 10
Ω, I F = 5mA
-
0.2
0.4
V
1
O2 high level output voltage
V O2H
VCC = 6V, I O2 = - 0.4A,
IF = 5mA
4.5
5.0
-
V
2
O2 low level output voltage
V O2L
VCC = 6V, I O2 = 0.5A, I F =0
-
0.2
0.4
V
-
O1 leak current
IO1L
VCC = 13V, I F =0
-
-
200
µ A
3
O2 leak current
IO2L
VCC = 13V, I F = 5mA
-
-
200
µ A
4
High level supply current
ICCH
T a = 25˚C, V CC = 6V, I F = 5mA
-9
13
mA
-
VCC = 6V, I F = 5mA
--
17
mA
-
Low level supply current
ICCL
T a = 25˚C, V CC = 6V, I F =0
-11
15
mA
-
VCC = 6V, I F =0
--
20
mA
-
Transfer
charac-
teristics
*5 “ Low
→High” threshold
input current
I FLH
T a = 25˚C, V CC = 6V,
RL1 =5
Ω, R L2 =10Ω
0.3
1.5
3.0
mA
5
VCC = 6V, R L1 =5
Ω
RL2 =10
Ω
0.2
-
5.0
mA
5
Isolation resistance
R ISO
Ta = 25˚C, DC = 500V
5x10
10
10
11
-
Ω
-
“Low
→High” propagation delay time
t PLH
T a = 25˚C, V CC =6V
IF = 5mA R L1 =5
Ω
RL2 =10
Ω
-2
5
µ s
6
-2
5
µ s
“High
→Low” propagation delay time
t PHL
-
0.2
1
µ s
tr
-
0.1
1
µ s
tf
Instantaneous common
mode rejection voltage
CMH
T a = 25˚C, V CM = 600V(peak )
IF = 5mA, R L1 = 470 Ω, R L2 =1k Ω,
∆ V
O2H = 0.5V
--
V/
µ s
7
Instantaneous common
mode rejection voltage
CML
T a = 25˚C, V CM = 600V(peak )
IF = 0, R L1 = 470 Ω, R
= 1k
Ω
∆ VO2L = 0.5V
--
V/
µ s
7
Rise time
Fall time
s Electro-optical Characteristics
Forward voltage
“Output : High level ”
“Output : Low level ”
L2
represents forward current when output goes from low to high.
40 to 60% RH
- 1 500
1 500



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com