Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC922 Datasheet(PDF) 3 Page - Sharp Corporation

Part # PC922
Description  High Power OPIC Photocoupler
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC922 Datasheet(HTML) 3 Page - Sharp Corporation

  PC922 Datasheet HTML 1Page - Sharp Corporation PC922 Datasheet HTML 2Page - Sharp Corporation PC922 Datasheet HTML 3Page - Sharp Corporation PC922 Datasheet HTML 4Page - Sharp Corporation PC922 Datasheet HTML 5Page - Sharp Corporation PC922 Datasheet HTML 6Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
PC922
s Test Circuit
Fig. 2
Fig. 4
Fig. 6
Fig. 7
Fig. 1
Fig. 3
Fig. 5
1
2
8
5
6
7
V
PC922
PC922
V
7
6
5
8
2
1
IF
RL2
IO1
VCC
IF
IO2
VCC
PC922
7
6
5
8
2
1
A
1
2
8
5
6
7
A
PC922
IF
VCC
IF
VCC
1
2
8
6
5
7
PC922
47
Ω
1
2
8
5
6
7
PC922
V
variable
A
VIN
tr = tf
ZO = 50 Ω
VO2
VCC
RL2
RL1
VCC
RL2
RL1
IF
PC922
7
6
5
8
2
1
SW
B
(peak)
GND
GND
VIN
tPLH
tPHL
tf
tr
10 %
90 %
VO2
RL1
RL2
VO2
VCC
VCM
+
-
VCM
VCM
SW at B, IF =0
∆VO2L
VO2L
∆VO2H
VO2H
CMH VO2
CMH VO2
50%
50%
5
10
30
25
20
15
0
- 25 - 20
0
25
50
75
100
80
Ambient temperature T a (˚C)
Fig. 8 Forward Current vs.
Ambient Temperature
A
= 0.01
µ s
waveform
waveform
waveform
waveform
SW at A, I F = 3mA
waveform



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com